Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 478 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 478 Page - NEC

Back Button VR4102 Datasheet HTML 474Page - NEC VR4102 Datasheet HTML 475Page - NEC VR4102 Datasheet HTML 476Page - NEC VR4102 Datasheet HTML 477Page - NEC VR4102 Datasheet HTML 478Page - NEC VR4102 Datasheet HTML 479Page - NEC VR4102 Datasheet HTML 480Page - NEC VR4102 Datasheet HTML 481Page - NEC VR4102 Datasheet HTML 482Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 701 page
background image
CHAPTER 24 SIU (SERIAL INTERFACE UNIT)
478
24.2.13 SIUIRSEL (0x0C00 0008)
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
Reserved
TMICMODE
TMICTX
IRMSEL[1]
IRMSEL[0]
IRUSESEL
SIRSEL
R/W
R
R
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[7..6]
Reserved
Write 0 when writing. 0 is returned after read.
D[5]
TMICMODE
Specifies the mode of the emitter or receptor module.
D[4]
TMICTX
Specifies the communication rate.
1 : Communication at 4 Mbps
0 : Communication at 1.15 Mbps or less
D[3..2]
IRMSEL[1..0]
Sets the type of emitter/receptor module to be used
11 : RFU
10 : HP model (HSDL-1100 is assumed)
01 : TEMIC model (TFDS6000 is assumed)
00 : SHARP model (RY5FD01D is assumed)
D[1]
IRUSESEL
Selects SIU or FIR for use with IrDA emitter/receptor module
1 : FIR uses IrDA module
0 : SIU uses IrDA module
D[0]
SIRSEL
Selects whether the SIU uses the IrDA module or the RS-232-C pins during
communications
1 : Use IrDA module
0 : Use RS-232-C interface
This register is used to set the IrDA module settings, IrDA module access privileges, and the SIU’s
communication format (IrDA or serial).
The settings of TMICMODE and TMICTX bits are valid only when IRMSEL[1..0] bits are set to 01 (TEMIC model).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com