Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 476 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 476 Page - NEC

Back Button VR4102 Datasheet HTML 472Page - NEC VR4102 Datasheet HTML 473Page - NEC VR4102 Datasheet HTML 474Page - NEC VR4102 Datasheet HTML 475Page - NEC VR4102 Datasheet HTML 476Page - NEC VR4102 Datasheet HTML 477Page - NEC VR4102 Datasheet HTML 478Page - NEC VR4102 Datasheet HTML 479Page - NEC VR4102 Datasheet HTML 480Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 701 page
background image
CHAPTER 24 SIU (SERIAL INTERFACE UNIT)
476
24.2.11 SIUMS (0x0C00 0006)
Bit
D7
D6D5
D4D3D2
D1
D0
Name
MSR[7]
MSR[6]
MSR[5]
MSR[4]
MSR[3]
MSR[2]
MSR[1]
MSR[0]
R/W
R
R
R
R
R/W
R/W
R/W
R/W
RTCRST
Undefined
Undefined
Undefined
Undefined
0
0
0
0
Other resets
Undefined
Undefined
Undefined
Undefined
0
0
0
0
Bit
Name
Function
D[7]
MSR[7]
Complement of DCD# signal
1 : High level
0 : Low level
D[6]
MSR[6]
Complement of RI signal (internal)
1 : High level
0 : Low level
D[5]
MSR[5]
Complement of DSR# input
1 : High level
0 : Low level
D[4]
MSR[4]
Complement of CTS# input
1 : High level
0 : Low level
D[3]
MSR[3]
DCD# signal change
1 : Change in DCD# signal
0 : No change
D[2]
MSR[2]
RI signal (internal) change
1 : Change in RI signal (internal)
0 : No change
D[1]
MSR[1]
DSR# signal change
1 : Change in DSR# signal
0 : No change
D[0]
MSR[0]
CTS# signal change
1 : Change in CTS# signal
0 : No change
This register indicates the current status of various control signals that are input to the CPU from a modem or
other peripheral device.
MSR[3..0] bits are cleared to 0 when they are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com