Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 473 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 473 Page - NEC

Back Button VR4102 Datasheet HTML 469Page - NEC VR4102 Datasheet HTML 470Page - NEC VR4102 Datasheet HTML 471Page - NEC VR4102 Datasheet HTML 472Page - NEC VR4102 Datasheet HTML 473Page - NEC VR4102 Datasheet HTML 474Page - NEC VR4102 Datasheet HTML 475Page - NEC VR4102 Datasheet HTML 476Page - NEC VR4102 Datasheet HTML 477Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 701 page
background image
CHAPTER 24 SIU (SERIAL INTERFACE UNIT)
473
24.2.9 SIUMC (0x0C00 0004)
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
Reserved
Reserved
MCR[4]
MCR[3]
MCR[2]
MCR[1]
MCR[0]
R/W
R
R
R
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[7..5]
Reserved
Write 0 when writing. 0 is returned after read.
D[4]
MCR[4]
For diagnostic testing (local loopback)
1 : Enable use of local loopback
0 : Disable use of local loopback
D[3]
MCR[3]
OUT2 signal (internal) specification
1 : Output the low-level signal
0 : Output the high-level signal
D[2]
MCR[2]
OUT1 signal (internal) specification
1 : Output the low-level signal
0 : Output the high-level signal
D[1]
MCR[1]
RTS# output control
1 : Output the low-level signal
0 : Output the high-level signal
D[0]
MCR[0]
DTR# output control
1 : Output the low-level signal
0 : Output the high-level signal
This register is used for interface control with a modem or data set (or a peripheral device that emulates a modem).
The settings of bit 3 and bit 2 become valid only when bit 4 is set to 1 (enable use of local loopback).
z
Local Loopback
The local loopback can be used to test the transmit/receive data path in the SIU.
The following operation is executed when bit 4 value = 1.
The transmit block’s serial output (TxD) enters the marking state (logical 1) and the serial input (RxD) to the
receive block is cut off. The transmit shift register’s output is looped back to the receive shift register’s input.
The four modem control inputs (DSR#, CTS#, RI (internal), and DCD#) are cut off and the four modem control
outputs (DTR#, RTS#, OUT1 (internal), and OUT2 (internal)) are internally connected to the corresponding
modem control inputs.
The modem control output pins are forcibly set as inactive (high level). During this kind of loopback mode,
transmitted data can be immediately and directly received.
This function can be used to check on the transmit/receive data bus within the SIU.
When in loopback mode, both transmission and receive interrupts can be used. The interrupt sources are
external sources in relation to the transmit and receive blocks.
Although modem control interrupts can be used, the low-order four bits of the modem control register can be
used instead of the four modem control inputs as interrupt sources.
As usual, each interrupt is controlled by an interrupt enable register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com