Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 471 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 471 Page - NEC

Back Button VR4102 Datasheet HTML 467Page - NEC VR4102 Datasheet HTML 468Page - NEC VR4102 Datasheet HTML 469Page - NEC VR4102 Datasheet HTML 470Page - NEC VR4102 Datasheet HTML 471Page - NEC VR4102 Datasheet HTML 472Page - NEC VR4102 Datasheet HTML 473Page - NEC VR4102 Datasheet HTML 474Page - NEC VR4102 Datasheet HTML 475Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 701 page
background image
CHAPTER 24 SIU (SERIAL INTERFACE UNIT)
471
When transmit FIFO is use-enabled and transmit interrupts are enabled, transmit interrupts can occur as
described below.
1.
When the transmit FIFO becomes empty, a transmit holding register empty interrupt occurs.
This interrupt is cleared when a character is written to the transmit holding register (from one to 16
characters can be written to the transmit FIFO during servicing of this interrupt), or when the SIUIID
(interrupt ID register) is read.
2.
If there are not at least two bytes of character data in the transmit FIFO between one time when LSR[5] = 1
(transmit FIFO is empty) and the next time when LSR[5] = 1, empty transmit FIFO status is reported to the
IIR after a delay period calculated as “the time for one character
ð the time for the last stop bit(s).”
When transmit interrupts are enabled, the first transmit interrupt that occurs after the FCR0 (FIFO enable bit)
is overwritten is indicated immediately.
The priority level of the character timeout interrupt and receive FIFO trigger level interrupt is the same as that of
the receive data ready interrupt.
The priority level of the transmit FIFO empty interrupt is the same as that of the transmit holding register empty
interrupt.
z FIFO polling mode
When FCR0 = 1 (FIFO is enabled), if the value of any or all of the interrupt enable register (SIUIE) bits 3 to 0
becomes “0”, the SIU enters FIFO polling mode. Because the transmit block and receive block are controlled
separately, polling mode can be set for either or both blocks.
When in this mode, the status of the transmit block and/or receive block can be checked by reading the line
status register (SIULS) via a user program.
When in FIFO polling mode, there is no notification when the trigger level is reached or when a timeout occurs,
but the receive FIFO and transmit FIFO can still store characters as they normally do.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com