Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 472 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 472 Page - NEC

Back Button VR4102 Datasheet HTML 468Page - NEC VR4102 Datasheet HTML 469Page - NEC VR4102 Datasheet HTML 470Page - NEC VR4102 Datasheet HTML 471Page - NEC VR4102 Datasheet HTML 472Page - NEC VR4102 Datasheet HTML 473Page - NEC VR4102 Datasheet HTML 474Page - NEC VR4102 Datasheet HTML 475Page - NEC VR4102 Datasheet HTML 476Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 701 page
background image
CHAPTER 24 SIU (SERIAL INTERFACE UNIT)
472
24.2.8 SIULC (0x0C00 0003)
Bit
D7
D6D5
D4D3D2
D1
D0
Name
LCR[7]
LCR[6]
LCR[5]
LCR[4]
LCR[3]
LCR[2]
LCR[1]
LCR[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[7]
LCR[7]
Divisor latch access bit specification
1 : Divisor latch access
0 : Receive buffer, transmit holding register, interrupt enable register
D[6]
LCR[6]
Break control
1 : Set break
0 : Clear break
D[5]
LCR[5]
Parity fixing
1 : Fixed parity
0 : Parity not fixed
D[4]
LCR[4]
Parity setting
1 : Set one bit as odd bit
0 : Set one bit as even bit
D[3]
LCR[3]
Parity enable
1 : Create parity (during transmission) or check parity (during reception)
0 : No parity (during transmission) or no checking (during reception)
D[2]
LCR[2]
Stop bit specification
1 : 1.5 bits (character length is 5 bits)
2 bits (character length is 6, 7, or 8 bits)
0 : 1 bit
D[1..0]
LCR[1..0]
Specifies the length of one character (number of bits)
11 : 8 Bits
10 : 7 Bits
01 : 6 Bits
00 : 5 Bits
This register is used to specify the format for asynchronous data communication and exchange and to set the divisor
latch access bit.
The setting of bit 5 becomes valid according to settings in bits 4 and 3.
Bit 6 is used to send the break status to the receive side’s UART. When Bit6 = 1, the serial output (TxD) is forcibly
set to the spacing (0) state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com