Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 470 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 470 Page - NEC

Back Button VR4102 Datasheet HTML 466Page - NEC VR4102 Datasheet HTML 467Page - NEC VR4102 Datasheet HTML 468Page - NEC VR4102 Datasheet HTML 469Page - NEC VR4102 Datasheet HTML 470Page - NEC VR4102 Datasheet HTML 471Page - NEC VR4102 Datasheet HTML 472Page - NEC VR4102 Datasheet HTML 473Page - NEC VR4102 Datasheet HTML 474Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 701 page
background image
CHAPTER 24 SIU (SERIAL INTERFACE UNIT)
470
z FIFO interrupt modes
When receive FIFO is enabled and receive interrupts are enabled, receive interrupts can occur as described
below.
1.
When the FIFO is reached to the specified trigger level, a receive data ready interrupt occurs to inform the
CPU.
This interrupt is cleared when the FIFO goes below the trigger level.
2.
When the FIFO is reached to the specified trigger level, the SIUIID register indicates a receive data ready
interrupt.
As with the interrupt above, this interrupt is cleared when the FIFO goes below the trigger level.
3.
Receive line status interrupts are assigned a higher priority level than are receive data ready interrupts.
4.
When characters are transferred from the shift register to the receive FIFO, “1” is set to the LSR0 bit.
The value of this bit returns to “0” when the FIFO becomes empty.
When receive FIFO is use-enabled and receive interrupts are enabled, receive FIFO timeout interrupts can
occur as described below.
1.
The following are conditions under which FIFO timeout interrupts occur.
• At least one character is being stored in the FIFO.
• The time required for sending four characters has elapsed since the serial reception of the last character
(includes the time for two stop bits in cases where a stop bit has been specified).
• The time required for sending four characters has elapsed since the CPU last accessed the FIFO.
The time between receiving the last character and issuing a timeout interrupt is a maximum of 160 ms
when operating at 300 baud and receiving 12-bit data.
2.
The transfer time for a character is calculated based on the baud rate clock for reception (internal) input as
clock signals (which is why the elapsed time is in proportion to the baud rate).
3.
Once a timeout interrupt has occurred, the timeout interrupt is cleared and the timer is reset as soon as the
CPU reads one character from the receive FIFO.
4.
If no timeout interrupt has occurred, the timer is reset when a new character is received or when the CPU
reads the receive FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com