Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 468 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 468 Page - NEC

Back Button VR4102 Datasheet HTML 464Page - NEC VR4102 Datasheet HTML 465Page - NEC VR4102 Datasheet HTML 466Page - NEC VR4102 Datasheet HTML 467Page - NEC VR4102 Datasheet HTML 468Page - NEC VR4102 Datasheet HTML 469Page - NEC VR4102 Datasheet HTML 470Page - NEC VR4102 Datasheet HTML 471Page - NEC VR4102 Datasheet HTML 472Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 701 page
background image
CHAPTER 24 SIU (SERIAL INTERFACE UNIT)
468
Table 24-3. Interrupt Function
SIUIID register
Interrupt set/reset function
Bit3
Note
Bit2
Bit1
Priority level
Interrupt type
Interrupt source
Interrupt reset control
0
1
1
Highest (1st) Receive line
status
Overrun error, parity error, framing error,
or break interrupt
Read line status register
0
1
0
2nd
Receive data
ready
Receive data exists or has reached the
trigger level.
Read the receive buffer
register or lower trigger
level via FIFO.
1
1
0
2nd
Character
timeout
During the time period for the four most
recent characters, not one character has
been read from the receive FIFO nor has
a character been input to the receive
FIFO.
During this period, at least one character
has been held in the receive FIFO.
Read receive buffer
register
0
0
1
3rd
Transmit
holding
register empty
Transmit register is empty
Read IIR (if it is the
interrupt source) or write
to transmit holding
register
0
0
0
4th
Modem status
CTS#, DSR#, or DCD#
Read modem status
register
Note
FIFO mode only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com