| Electronic Components Datasheet Search |
|
VR4102 Datasheet(PDF) 464 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 Datasheet(HTML) 464 Page - NEC |
|
464 / 701 page ![]() CHAPTER 24 SIU (SERIAL INTERFACE UNIT) 464 24.2.4 SIUIE (0x0C00 0001: LCR[7] = 0) Bit D7 D6D5 D4D3D2 D1 D0 Name Reserved Reserved Reserved Reserved IE[3] IE[2] IE[1] IE[0] R/W R R R R R/W R/W R/W R/W RTCRST 0 0 0 0 0 0 0 0 Other resets 0 0 0 0 0 0 0 0 Bit Name Function D[7..4] Reserved Write 0 when writing. 0 is returned after read. D[3] IE[3] Modem status interrupt 1 : Interrupt enable 0 : Interrupt prohibit D[2] IE[2] Receive status interrupt 1 : Interrupt enable 0 : Interrupt prohibit D[1] IE[1] Transmitter holding register empty interrupt 1 : Interrupt enable 0 : Interrupt prohibit D[0] IE[0] Receive data interrupt or timeout interrupt in FIFO mode 1 : Interrupt enable 0 : Interrupt prohibit This register is used to specify interrupt enable/prohibit settings for the five types of interrupt used by the SIU. These interrupts can be used to make the corresponding interrupt output signal (INTR) active. Overall use of interrupt functions can be halted by setting bit 0 to bit 3 of the interrupt enable register (IER) to zero. If one or more of the bits from bit 0 to bit 3 has a value of 1, the corresponding interrupt is enabled. When interrupts are prohibited, “pending” is not displayed in the IIR[0] bit even when the interrupt condition has been met and INTR output does not become active. Other functions in the system are not affected even though interrupts are prohibited and the settings in the line status register and modem status register are valid. To access this register, set LCR[7] (bit 7 of SIULC register) to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |