Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 497 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 497 Page - NEC

Back Button VR4102 Datasheet HTML 493Page - NEC VR4102 Datasheet HTML 494Page - NEC VR4102 Datasheet HTML 495Page - NEC VR4102 Datasheet HTML 496Page - NEC VR4102 Datasheet HTML 497Page - NEC VR4102 Datasheet HTML 498Page - NEC VR4102 Datasheet HTML 499Page - NEC VR4102 Datasheet HTML 500Page - NEC VR4102 Datasheet HTML 501Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 701 page
background image
497
CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT)
The FIR operation and register settings are described below.
26.1 GENERAL
This unit supports the IrDA 1.1 high-speed infrared communication physical layer standard.
Supported FIR (Fast SIR) transfer rates include 0.576 Mbps, 1.152 Mbps, and 4 Mbps.
SIR (up to 115.2 kbps) is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com