Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 498 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 498 Page - NEC

Back Button VR4102 Datasheet HTML 494Page - NEC VR4102 Datasheet HTML 495Page - NEC VR4102 Datasheet HTML 496Page - NEC VR4102 Datasheet HTML 497Page - NEC VR4102 Datasheet HTML 498Page - NEC VR4102 Datasheet HTML 499Page - NEC VR4102 Datasheet HTML 500Page - NEC VR4102 Datasheet HTML 501Page - NEC VR4102 Datasheet HTML 502Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 701 page
background image
CHAPTER 26 FIR (FAST IrDA INTERFACE UNIT)
498
26.2 REGISTER SET
The FIR registers are listed below.
Table 26-1. FIR Registers
Address
R/W
Register symbols
Function
0x0C00 0040
R/W
FRSTR
FIR Reset register
0x0C00 0042
R/W
DPINTR
DMA Page Interrupt register
0x0C00 0044
R/W
DPCNTR
DMA Control register
0x0C00 0050
W
TDR
Transmit Data register
0x0C00 0052
R
RDR
Receive Data register
0x0C00 0054
R/W
IMR
Interrupt Mask register
0x0C00 0056
R/W
FSR
FIFO Setup register
0x0C00 0058
R/W
IRSR1
Infrared Setup register 1
0x0C00 005C
R/W
CRCSR
CRC Setup register
0x0C00 005E
R/W
FIRCR
FIR Control register
0x0C00 0060
R/W
MIRCR
MIR Control register
0x0C00 0062
R/W
DMACR
DMA Control register
0x0C00 0064
R/W
DMAER
DMA Enable register
0x0C00 0066
R
TXIR
Transmit Indication register
0x0C00 0068
R
RXIR
Receive Indication register
0x0C00 006A
R
IFR
Interrupt Flag register
0x0C00 006C
R
RXSTS
Receive Status register
0x0C00 006E
R/W
TXFL
Transmit Frame Length
0x0C00 0070
R/W
MRXF
Maximum Receive Frame Length
0x0C00 0074
R
RXFL
Receive Frame Length register
These registers are described in detail below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com