Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 125 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 125 Page - NEC

Back Button VR4102 Datasheet HTML 121Page - NEC VR4102 Datasheet HTML 122Page - NEC VR4102 Datasheet HTML 123Page - NEC VR4102 Datasheet HTML 124Page - NEC VR4102 Datasheet HTML 125Page - NEC VR4102 Datasheet HTML 126Page - NEC VR4102 Datasheet HTML 127Page - NEC VR4102 Datasheet HTML 128Page - NEC VR4102 Datasheet HTML 129Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
125
Figure 5-5. Supervisor Mode Address Space
64-bit mode
32-bit mode
Note
0xDFFF FFFF
0xE000 0000
0xC000 0000
0xFFFF FFFF
Address error
0x0000 0010 0000
0000
0xFFFF FFFF FFFF FFFF
suseg
sseg
0x7FFF FFFF
0x0000 0000
0x8000 0000
xsuseg
xsseg
csseg
0xBFFF FFFF
0x4000 00FF FFFF FFFF
0x4000 0100 0000 0000
0x0000 000F FFFF
FFFF
0.5 Gbytes with
TLB mapping
Address error
2 Gbytes with
TLB mapping
Address error
0.5 Gbytes with
TLB mapping
Address error
1 Tbyte with
TLB mapping
Address error
1 Tbyte with
TLB mapping
0xFFFF FFFF E000 0000
0xFFFF FFFF DFFF FFFF
0xFFFF FFFF C000 0000
0xFFFF FFFF BFFF FFFF
0x3FFF FFFF FFFF FFFF
0x4000 0000 0000 0000
0x0000 0000 0000 0000
0x0000 00FF FFFF FFFF
0x0000 0100 0000 0000
Note
The VR4102 uses 64-bit addresses within it. For 32-bit mode addressing, bit 31 is sign-extended to bits
32 to 63, and the resulting 32 bits are used for addressing. Usually, it is impossible for 32-bit mode
programs to generate invalid addresses.
In an operation of base register + offset for addressing,
however, a two’s complement overflow may occur, causing an invalid address.
Note that the result
becomes undefined. Two factors that can cause a two’s complement follow:
— When offset bit 15 is 0, base register bit 31 is 0, and bit 31 of the operation “base register + offset” is 1
— When offset bit 15 is 1, base register bit 31 is 1, and bit 31 of the operation “base register + offset” is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com