Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 20Page - Microchip Technology MCP3565R Datasheet HTML 21Page - Microchip Technology MCP3565R Datasheet HTML 22Page - Microchip Technology MCP3565R Datasheet HTML 23Page - Microchip Technology MCP3565R Datasheet HTML 24Page - Microchip Technology MCP3565R Datasheet HTML 25Page - Microchip Technology MCP3565R Datasheet HTML 26Page - Microchip Technology MCP3565R Datasheet HTML 27Page - Microchip Technology MCP3565R Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 108 page
background image
MCP3565R
DS20006401C-page 24
2020-2021 Microchip Technology Inc.
TABLE 2-1:
OUTPUT NOISE VS. GAIN VS. OSR (AVDD = DVDD = VREF = 3.3V, TA = +25°C)
TOTAL
OSR
RMS (Peak-to-Peak) Noise (µV)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
32
365.02 (2932.55)
120.80 (981.90)
60.79 (489.77)
30.70 (243.71)
15.69 (125.98)
8.23 (65.94)
64
68.06 (566.05)
23.56 (189.40)
12.54 (101.97)
7.06 (55.09)
4.25 (34.15)
2.77 (22.05)
128
35.21 (313.00)
12.68 (108.08)
7.03 (57.36)
4.19 (33.51)
2.68 (21.43)
1.83 (14.47)
256
24.83 (212.31)
8.94 (73.35)
4.94 (40.62)
2.94 (23.38)
1.88 (15.17)
1.29 (10.11)
512
17.99 (150.04)
6.43 (52.02)
3.53 (28.51)
2.09 (17.02)
1.34 (10.58)
0.92 (7.32)
1024
15.12 (123.74)
5.40 (43.95)
2.97 (23.54)
1.75 (14.05)
1.12 (8.82)
0.77 (6.20)
2048
11.47 (91.51)
4.08 (32.01)
2.26 (18.04)
1.34 (10.69)
0.86 (6.79)
0.59 (4.57)
4096
8.32 (64.97)
2.98 (23.59)
1.66 (13.10)
0.98 (7.85)
0.63 (4.97)
0.43 (3.45)
8192
5.88 (44.39)
2.11 (15.61)
1.18 (8.99)
0.70 (5.39)
0.45 (3.37)
0.31 (2.30)
16384
4.16 (30.56)
1.50 (10.80)
0.84 (6.12)
0.50 (3.65)
0.32 (2.28)
0.22 (1.60)
20480
3.71 (26.82)
1.34 (9.65)
0.75 (5.29)
0.44 (3.27)
0.28 (2.06)
0.19 (1.41)
24576
3.40 (24.24)
1.23 (8.88)
0.69 (4.88)
0.41 (2.94)
0.26 (1.92)
0.18 (1.29)
40960
2.70 (18.79)
0.98 (6.53)
0.55 (3.83)
0.32 (2.22)
0.20 (1.41)
0.14 (0.96)
49152
2.52 (17.44)
0.90 (6.08)
0.50 (3.47)
0.30 (2.07)
0.19 (1.25)
0.13 (0.87)
81920
2.05 (13.19)
0.74 (4.64)
0.40 (2.56)
0.24 (1.52)
0.15 (0.96)
0.10 (0.63)
98304
1.94 (12.20)
0.68 (4.37)
0.38 (2.39)
0.22 (1.37)
0.14 (0.89)
0.09 (0.59)
TABLE 2-2:
EFFECTIVE RESOLUTION VS. GAIN VS. OSR (AVDD = DVDD = VREF = 3.3V,
TA = +25°C)
TOTAL
OSR
Effective Resolution RMS (Peak-to-Peak) (bits)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
32
15.7 (12.7)
15.7 (12.7)
15.7 (12.7)
15.7 (12.7)
15.7 (12.7)
15.6 (12.6)
64
18.2 (15.1)
18.1 (15.1)
18.0 (15.0)
17.8 (14.9)
17.6 (14.6)
17.2 (14.2)
128
19.1 (16.0)
19.0 (15.9)
18.8 (15.8)
18.6 (15.6)
18.2 (15.2)
17.8 (14.8)
256
19.6 (16.5)
19.5 (16.5)
19.4 (16.3)
19.1 (16.1)
18.7 (15.7)
18.3 (15.3)
512
20.1 (17.0)
20.0 (17.0)
19.8 (16.8)
19.6 (16.6)
19.2 (16.3)
18.8 (15.8)
1024
20.3 (17.3)
20.2 (17.2)
20.1 (17.1)
19.8 (16.8)
19.5 (16.5)
19.0 (16.0)
2048
20.7 (17.7)
20.6 (17.7)
20.5 (17.5)
20.2 (17.2)
19.9 (16.9)
19.4 (16.5)
4096
21.2 (18.2)
21.1 (18.1)
20.9 (17.9)
20.7 (17.7)
20.3 (17.3)
19.9 (16.9)
8192
21.7 (18.8)
21.6 (18.7)
21.4 (18.5)
21.2 (18.2)
20.8 (17.9)
20.4 (17.5)
16384
22.2 (19.3)
22.1 (19.2)
21.9 (19.0)
21.6 (18.8)
21.3 (18.5)
20.9 (18.0)
20480
22.4 (19.5)
22.2 (19.4)
22.1 (19.2)
21.8 (18.9)
21.5 (18.6)
21.0 (18.2)
24576
22.5 (19.7)
22.4 (19.5)
22.2 (19.4)
21.9 (19.1)
21.6 (18.7)
21.1 (18.3)
40960
22.8 (20.0)
22.7 (20.0)
22.5 (19.7)
22.3 (19.5)
21.9 (19.2)
21.5 (18.7)
49152
22.9 (20.1)
22.8 (20.1)
22.7 (19.9)
22.4 (19.6)
22.1 (19.3)
21.6 (18.9)
81920
23.2 (20.5)
23.1 (20.4)
23.0 (20.3)
22.7 (20.1)
22.4 (19.7)
22.0 (19.3)
98304
23.3 (20.6)
23.2 (20.5)
23.1 (20.4)
22.8 (20.2)
22.5 (19.8)
22.1 (19.4)
Note:
To calculate noise RMS level, and Effective Resolution (Bits) for a given GAIN and data rate, refer to the
OSR setting and associated data rate relationship shown in Table 5-6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com