Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 61Page - Microchip Technology MCP3565R Datasheet HTML 62Page - Microchip Technology MCP3565R Datasheet HTML 63Page - Microchip Technology MCP3565R Datasheet HTML 64Page - Microchip Technology MCP3565R Datasheet HTML 65Page - Microchip Technology MCP3565R Datasheet HTML 66Page - Microchip Technology MCP3565R Datasheet HTML 67Page - Microchip Technology MCP3565R Datasheet HTML 68Page - Microchip Technology MCP3565R Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 65
MCP3565R
6.2.5
FAST COMMANDS DESCRIPTION
There are five possible Fast commands available for the
MCP3565R. For each command, only the COMMAND
byte has to be provided on the SPI port and the
command is executed right after the COMMAND byte
has been clocked. The Fast command codes are
detailed in Table 6-2. All undefined command address
codes for Fast commands will be ignored and will have
no effect. SDO will stay in high-impedance after the
COMMAND byte for a Fast command until a CS rising
edge is provided. The Fast commands can be enabled
or disabled by placing the EN_FASTCMD bit in the IRQ
register to ‘1’ (default). Disabling Fast commands can
increase the security of the device because it can avoid
the execution of unwanted Fast commands, which can
be useful in harsh environments.
The ADC Start/Restart command (command address:
‘1010’) overwrites the ADC_MODE[1:0] bits to ‘11’,
creating a conversion start (or a restart if the
conversion was already running).
The ADC Standby mode command (command
address: ‘1011’) overwrites the ADC_MODE[1:0] bits
to ‘10’ and places the ADC in Standby mode.
The ADC Shutdown mode command (command
address: ‘1100’) overwrites the ADC_MODE[1:0] bits
to ‘00’ and places the ADC in ADC Shutdown mode.
The Full Shutdown mode command (command
address: ‘1101’) overwrites the CONFIG0 register to
0x00 and places the device in Full Shutdown mode
(see
Section 5.10 “Low-Power Shutdown Modes”
for a full description of this mode).
The Full Reset command (command address: ‘1110’)
resets the device and places the entire register map
into its default state condition, including the
non-writable registers. The only difference with a POR
event is that the POR_STATUS bit in the IRQ register
is set to ‘1’ after a Full Reset and is reset to ‘0’ after a
POR event. The user can only clear the ADC Data
Output register to its default value by using the Full
Reset command.
6.2.6
DEVICE ADDRESS AND STATUS
BYTE DURING CONTROL BYTE
During the COMMAND byte clocking on the SDI pin,
the SDO pin displays a STATUS byte to help the user
retrieve quick interrupt status information.
The STATUS byte allows fast polling of the different
interrupts without having to read the IRQ register.
However, it requires an MCU that can communicate in
Full-Duplex mode (SDI and SDO are clocked at the
same time). For MCUs that are only half-duplex, the
polling of the IRQ status can still be done by reading the
IRQ register continuously.
The STATUS byte structure is described in Figure 6-1.
FIGURE 6-1:
STATUS Byte.
The first two bits are always equal to ‘0’ and SDO
toggles to ‘0’ as soon as a CS pin falling edge is
performed. This allows having an application with
multiple devices, with different device addresses,
sharing one common SPI bus and avoiding bus conten-
tion during STATUS byte clocking.
The next three bits of the STATUS byte give a confirma-
tion (Acknowledge) of the hard-coded device address.
If the device address of the COMMAND byte and the
internal device address of the chip match, these three
bits will be transmitted and they are equal to:
• STAT[5:4] = DEV_ADDR[1:0]
• STAT[3] = DEV_ADDR[0]
The STAT[3] bit allows the user to distinguish the SDO
output from a High-Impedance state (device address is
not matched), as the bits, STAT[4] and STAT[3], are
complementary and will induce a deterministic toggle
on the SDO output.
If the two device address bits are not matched with the
internally hard-coded device address bits, SDO is
maintained in a High-Impedance state during the rest
of the communication and the command is ignored.
This behavior avoids potential bus contention errors if
multiple devices with different device addresses share
the same SPI bus. After the transmission of the first two
bits, only one device responds to the command (all
other devices with non-matching device addresses
keep the SDO in high-impedance). In this case, the
user needs to abort the communication (CS rising
edge) in order to perform another command.
The three LSbs of the STATUS byte are the three
Interrupt Status bits:
• STAT[2] = DR_STATUS (ADC data ready interrupt
status)
• STAT[1] = CRCCFG_STATUS (CRC checksum
error on the register map interrupt status)
• STAT[0] = POR_STATUS (POR interrupt status)
STAT[7]
0
STAT[6]
STAT[5]
STAT[4]
STAT[3]
STAT[2]
STAT[1]
STAT[0]
0
DEV_ADDR
[1]
DEV_ADDR
[0]
DEV_ADDR
[0]
DR_ST ATUS
CRCCFG_
ST ATUS
POR_ST ATUS
Device Address
Acknowledge bits
Interrupt Status bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com