Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 52Page - Microchip Technology MCP3565R Datasheet HTML 53Page - Microchip Technology MCP3565R Datasheet HTML 54Page - Microchip Technology MCP3565R Datasheet HTML 55Page - Microchip Technology MCP3565R Datasheet HTML 56Page - Microchip Technology MCP3565R Datasheet HTML 57Page - Microchip Technology MCP3565R Datasheet HTML 58Page - Microchip Technology MCP3565R Datasheet HTML 59Page - Microchip Technology MCP3565R Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
MCP3565R
DS20006401C-page 56
2020-2021 Microchip Technology Inc.
5.14
Conversion Modes
The ADC includes several conversion modes that can
be selected through the CONV_MODE[1:0] bits located
in the CONFIG3 register. The ADC behavior, with
respect to these bits, depends on whether the ADC is
in MUX or Scan mode. Table 5-14 summarizes the
possible configurations.
5.14.1
CONVERSION MODES IN MUX
MODE
In MUX mode, the user can choose between one-shot
and continuous conversions.
A one-shot conversion is a single conversion and takes
a certain Conversion Time, TCONV (or 2 x TCONV when
AZ_MUX = 1; see Section 5.1.3 “ADC Offset Cancel-
lation Algorithm”). Once this conversion is performed,
the part automatically returns to a Standby or ADC
Shutdown state, depending on the CONV_MODE[1:0]
bits setting. The Conversion mode determined by the
CONV_MODE[1:0] bits setting will also affect the state of
the ADC_MODE[1:0] bits, as described in Table 5-14.
The conversion can be preceded by a start-up time that
depends on the ADC state (see
Section 5.11 “ADC
Start-up Timer”).
One-Shot mode is recommended for low-power, low
bandwidth applications, requiring a once in a while A/D
conversion.
In Continuous Conversion mode, the ADC is never
placed in Standby or ADC Shutdown mode and
converts continuously without any internal reset. In this
mode, the output data rate of the ADC is defined by
DRCLK (see Figure 5-5). The digital decimation filter
induces a pipeline or group delay of TCONV for the first
data ready and is structured to give a continuous
stream of data at the DRCLK rate after this first data
(the internal registers of the filter are never reset in this
mode, thus the decimation filter acts as a moving
average). Each data ready interrupt corresponds to a
valid and complete conversion that was processed
through the digital filter (the digital filter has no latency
in this respect). This mode allows a faster data rate
than the One-Shot mode, and is therefore, recom-
mended for higher bandwidth applications. The pipe-
line delay should be carefully determined and adapted
to the user needs, especially in closed-loop,
low-latency applications. This mode is recommended
for applications requiring continuous sampling/averag-
ing of the input signals. If AZ_MUX = 1, the Continuous
Conversion mode is replaced by a series of subse-
quent One-Shot mode conversions, with a reset in
between each conversion. This makes the group delay
equal to 2 x TCONV and the data rate equal to
1/(2 x TCONV).
Figure 5-14 and Figure 5-15 detail One-Shot and
Continuous Conversion modes for MUX mode.
TABLE 5-14: ADC CONVERSION MODES IN MUX OR SCAN MODES
CONV_MODE[1:0]
ADC Behavior (MUX Mode)
ADC Behavior
(Scan Mode)
ADC_MODE[1:0] Bits Setting
0x
Performs a one-shot conversion
and automatically returns to
ADC Shutdown mode.
Performs one complete
Scan cycle and
automatically returns to
ADC Shutdown mode.
Returns to ‘0x’ after one
conversion (MUX mode) or one
Scan cycle (Scan mode).
10
Performs a one-shot conversion
and automatically returns to
Standby mode.
Performs one complete
Scan cycle and
automatically returns to
Standby mode.
Returns to ‘10’ after one
conversion (MUX mode) or one
Scan cycle (Scan mode).
11
Performs continuous
conversions.
Performs continuous
Scan cycles with
TIMER[23:0] bits delay
between each cycle.
Stays at ‘11’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com