Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 28Page - Microchip Technology MCP3565R Datasheet HTML 29Page - Microchip Technology MCP3565R Datasheet HTML 30Page - Microchip Technology MCP3565R Datasheet HTML 31Page - Microchip Technology MCP3565R Datasheet HTML 32Page - Microchip Technology MCP3565R Datasheet HTML 33Page - Microchip Technology MCP3565R Datasheet HTML 34Page - Microchip Technology MCP3565R Datasheet HTML 35Page - Microchip Technology MCP3565R Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
MCP3565R
DS20006401C-page 32
2020-2021 Microchip Technology Inc.
4.5
OSR – Oversampling Ratio
The ratio of the sampling frequency to the output data
rate. OSR = DMCLK/DRCLK in Continuous mode. See
Table 5-6 for the OSR setting effect on sinc filter
parameters.
4.6
Offset Error
This is the error induced by the ADC when the inputs
are shorted together (VIN = 0V). This error varies based
on gain settings, OSR settings and from chip-to-chip. It
can easily be calibrated out by an MCU with a
subtraction.
4.7
Gain Error
This is the error induced by the ADC on the slope of the
transfer function. It is the deviation expressed in per-
centage compared to the ideal transfer function defined
by Equation 5-5. The specification incorporates ADC
gain error contributions, but not the VREF contribution.
This error varies with gain and OSR settings. The gain
error of this device has a low-temperature coefficient.
4.8
Integral Nonlinearity Error (INL)
Integral nonlinearity error is the maximum deviation of
an ADC transition point from the corresponding point of
an ideal transfer function, with the offset and gain
errors removed, or with the end points equal to zero. It
is the maximum remaining static error after offset and
gain errors calibration for a DC input signal.
4.9
Signal-to-Noise Ratio (SNR)
For this device family, the Signal-to-Noise Ratio is a
ratio of the output fundamental signal power to the
noise power (not including the harmonics of the signal)
when the input is a sine wave at a predetermined
frequency; it is measured in dB. Usually, only the
maximum Signal-to-Noise Ratio is specified. The SNR
figure depends mainly on the OSR and gain settings of
the device, as well as the temperature (due to thermal
noise being dominant for high OSR).
EQUATION 4-4:
SIGNAL-TO-NOISE RATIO
4.10 Signal-to-Noise and Distortion
Ratio (SINAD)
Signal-to-Noise and Distortion Ratio is similar to
Signal-to-Noise Ratio, with the exception that the user
must include the harmonics power in the noise power
calculation. The SINAD specification depends mainly
on the OSR and gain settings.
EQUATION 4-5:
SINAD EQUATION
The calculated combination of SNR and THD per the
following formula also yields SINAD:
EQUATION 4-6:
SINAD, THD AND SNR
RELATIONSHIP
4.11 Total Harmonic Distortion (THD)
The THD is the ratio of the output harmonics power to
the fundamental signal power for a sine wave input and
is defined by Equation 4-7.
EQUATION 4-7:
The THD is usually measured only with respect to the
first ten harmonics. THD is sometimes expressed in
percentage (%). This formula converts the THD from
dB to percentage:
EQUATION 4-8:
4.12 Spurious-Free Dynamic Range
(SFDR)
SFDR is the ratio between the output power of the
fundamental and the highest spur in the frequency
spectrum. The spur frequency is not necessarily a
harmonic of the fundamental, even though that is
usually the case. This figure represents the dynamic
range of the ADC when a full-scale signal is used at the
input. This specification depends mainly on the OSR
and gain settings.
EQUATION 4-9:
SNR dB
10
SignalPower
NoisePower
----------------------------------
log
=
SINAD dB
10
SignalPower
Noise HarmonicsPower
+
---------------------------------------------------------------------
log
=
SINAD dB
10
10
SNR
10
-----------
10
THD
10
------------
+
log
=
THD dB
10
HarmonicsPower
FundamentalPower
-----------------------------------------------------
log
=
THD %
 
100 10
THD dB
20
------------------------
=
SFDR dB
10
FundamentalPower
HighestSpurPower
-----------------------------------------------------
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com