Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 66 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 66 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 62Page - Microchip Technology MCP3565R Datasheet HTML 63Page - Microchip Technology MCP3565R Datasheet HTML 64Page - Microchip Technology MCP3565R Datasheet HTML 65Page - Microchip Technology MCP3565R Datasheet HTML 66Page - Microchip Technology MCP3565R Datasheet HTML 67Page - Microchip Technology MCP3565R Datasheet HTML 68Page - Microchip Technology MCP3565R Datasheet HTML 69Page - Microchip Technology MCP3565R Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
MCP3565R
DS20006401C-page 66
2020-2021 Microchip Technology Inc.
These three Interrupt Status bits are independent of the
IRQ register and are cleared each time the STATUS
byte is fully clocked. This enables the polling on the
STATUS byte as a possible interrupt management
solution. All Status bit values are latched together, just
after the device address has been correctly recognized
by the chip. Any interrupt happening after the two first
Status bits have been clocked out will appear in the
STATUS byte of the subsequent communication
sequence.
Figure 6-2 represents the beginning of each
communication with both COMMAND and STATUS
bytes depicted. After the STATUS byte is propagated,
the SDO pin will be placed in high-impedance for Fast
commands or Write commands and will transfer data
bytes for Read commands as long as the CS pin stays
logic low.
FIGURE 6-2:
SPI Communication Start (COMMAND Byte on SDI and STATUS Byte on SDO) when
the Device Address Matches/Does Not Match CMD[7:6].
Don’t Care
SCK
SDI
SDO
CS
High-Z
Device Latches SDI on Rising Edge
SPI Mode 0,0
SPI Mode 1,1
0
Device 
Address
Register 
Address
Command
Type
Device 
Address ACK
Interrupts
Status
High-Z
0
Device Address
Matches CMD[7:6]
High-Z
SDO
Device Address
does not Match
CMD[7:6]
Device Latches SDO on Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com