Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 58 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 58 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 54Page - Microchip Technology MCP3565R Datasheet HTML 55Page - Microchip Technology MCP3565R Datasheet HTML 56Page - Microchip Technology MCP3565R Datasheet HTML 57Page - Microchip Technology MCP3565R Datasheet HTML 58Page - Microchip Technology MCP3565R Datasheet HTML 59Page - Microchip Technology MCP3565R Datasheet HTML 60Page - Microchip Technology MCP3565R Datasheet HTML 61Page - Microchip Technology MCP3565R Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 108 page
background image
MCP3565R
DS20006401C-page 58
2020-2021 Microchip Technology Inc.
5.14.2
CONVERSION MODES IN SCAN
MODE
In Scan mode, the device takes one conversion per
channel and multiplexes the input to the next channel
in the Scan sequence. Therefore, all conversions are
One-Shot mode conversions, no matter how the
CONV_MODE[1:0] bits are set. Each conversion takes
the same time, TCONV (or 2 x TCONV when AZ_MUX = 1;
see
Section 5.1.3 “ADC Offset Cancellation Algo-
rithm”), to be performed. If CONV_MODE[1:0] = 00,
01 or 10, the Scan cycle is executed once and then the
ADC is placed into Standby or ADC Shutdown mode.
If CONV_MODE[1:0] = 11, the ADC runs in a Scan
Cycle mode with a TIMER[23:0] delay between cycles.
Writing the CONV_MODE[1:0] bits with the SPI inter-
face within a conversion does not create an internal
reset. It is recommended not to wait for the end of a
conversion to change the CONV_MODE[1:0] bits to the
desired value, but to change to the desired value just
after the data are ready to avoid possible glitches.
Figure 5-16 and Figure 5-17, respectively, detail the
ADC timing behavior in One-Shot and Continuous
Conversion modes when configured for Scan mode,
with N channels chosen among 16 Scan possibilities.
FIGURE 5-16:
SCAN One-Shot Conversion Mode Timing Diagram.
FIGURE 5-17:
SCAN Continuous Conversion Mode Timing Diagram.
0X or 10
Depending on CONV_MO DE
Write
CONV_MODE = 0X/10
SPI
Write
ADC_MODE = 11
MCLK
00
ADC_MODE
TADC_SETUP
TCONV
Read ADC Dat a 1
TDLY_SCA N
11
Continuous clocking
Don’t care
Shutdown or Reset
Depending on CONV_MO DE
Shutdown
ADC STATUS
Reset
Channel 1 Conversion
Start-up
TCONV
Reset
Channel 2 Conversion
TDLY_SCAN
Channel N Conversion
(Last in Cycle)
TCONV
Read ADC Data N-1
Read ADC Dat a N
Write
CONV_MODE = 11
SPI
Write
ADC_MODE = 11
MCLK
00
ADC_MODE
TADC_SETUP
TCONV
Read ADC Data 1
TDLY_SCAN
11
Continuous clocking
Don’t care
Shutdown or Reset
Depending onTIMER[23:0] settings
Shutdown
ADC STATUS
Reset
Channel 1 Conversion
Start-up
TCONV
Reset
Channel 2 Conversion
TDLY_SCAN
Channel N Conversion
(Last in Cycle)
TCONV
Read ADC Data N-1
Read ADC Data N
Start-up
Reset
Channel 1 Conversion
(New Cycle)
TADC_SETUP
Channel 2 Conversion
(New Cycle)
Read ADC Data1
(New Cycle)
TCONV
TCONV
TDLY_SCAN
TTIMER _SCAN
Start‐Up time is reduced to 0 if 
TTIMER_SCAN < 256 DMCLK periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com