Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 85 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 85 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 81Page - Microchip Technology MCP3565R Datasheet HTML 82Page - Microchip Technology MCP3565R Datasheet HTML 83Page - Microchip Technology MCP3565R Datasheet HTML 84Page - Microchip Technology MCP3565R Datasheet HTML 85Page - Microchip Technology MCP3565R Datasheet HTML 86Page - Microchip Technology MCP3565R Datasheet HTML 87Page - Microchip Technology MCP3565R Datasheet HTML 88Page - Microchip Technology MCP3565R Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 85
MCP3565R
8.0
INTERNAL REGISTERS
The MCP3565R has a total of 16 internal registers
made of volatile memory. Table 8-1 includes a sum-
mary of the registers. These registers are sequentially
accessible.
3TABLE 8-1:
INTERNAL REGISTERS SUMMARY
Address Register Name No. of
Bits
R/W
Description
0x0
ADCDATA
4/24/32
R
Latest A/D conversion data output value (24 or 32 bits depending on
DATA_FORMAT[1:0]) or modulator output stream (4-bit wide) in MDAT
Output mode
0x1
CONFIG0
8
R/W ADC Operating mode, Master Clock mode and Input Bias Current
Source mode
0x2
CONFIG1
8
R/W Prescale and OSR settings
0x3
CONFIG2
8
R/W ADC boost and gain settings, auto-zeroing settings for analog
multiplexer, voltage reference and ADC
0x4
CONFIG3
8
R/W Conversion mode, data and CRC format settings; enable for CRC on
communications, enable for digital offset and gain error calibrations
0x5
IRQ
8
R/W IRQ Status bits and IRQ mode settings; enable for Fast commands
0x6
MUX
8
R/W Analog multiplexer input selection (MUX mode only)
0x7
SCAN
24
R/W SCAN mode settings
0x8
TIMER
24
R/W Delay value for TIMER between Scan cycles
0x9
OFFSETCAL
24
R/W ADC digital offset calibration value
0xA
GAINCAL
24
R/W ADC digital gain calibration value
0xB
RESERVED
24
R/W Reserved
0xC
RESERVED
8
R/W Reserved
0xD
LOCK
8
R/W Password value for SPI Write mode locking
0xE
RESERVED
16
R/W Reserved
0xF
CRCCFG
16
R
CRC checksum for device configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com