Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 93 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 93 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 89Page - Microchip Technology MCP3565R Datasheet HTML 90Page - Microchip Technology MCP3565R Datasheet HTML 91Page - Microchip Technology MCP3565R Datasheet HTML 92Page - Microchip Technology MCP3565R Datasheet HTML 93Page - Microchip Technology MCP3565R Datasheet HTML 94Page - Microchip Technology MCP3565R Datasheet HTML 95Page - Microchip Technology MCP3565R Datasheet HTML 96Page - Microchip Technology MCP3565R Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 93
MCP3565R
8.8
SCAN REGISTER
Name
Bits
Address
Cof
SCAN
24
0x7
R/W
REGISTER 8-8:
SCAN: SCAN MODE SETTINGS REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
U-0
DLY[2:0]
RESERVED
—
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OFFSET
VCM
AVDD
TEMP
RESERVED RESERVED RESERVED SCAN_DIFF_CHA
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED
SCAN_SE_CH[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Bit 23-21
DLY[2:0]: Delay Time (TDLY_SCAN) Between Each Conversion During a Scan Cycle
111 = 512 * DMCLK
110 = 256 * DMCLK
101 = 128 * DMCLK
100 = 64 * DMCLK
011 = 32 * DMCLK
010 = 16 * DMCLK
001 = 8 * DMCLK
000 = 0: No delay (default)
Bit 20
RESERVED: Must remain set to ‘0’
Bit 19-16
Unimplemented: Read as ‘0’
Bit 15-12
SCAN Channel Selection (see Table 5-15 for a complete description)
Bit 11-9
RESERVED: Must remain set to ‘000’
Bit 8
SCAN Channel Selection (see Table 5-15 for a complete description)
Bit 7-2
RESERVED: Must remain set to ‘000000’
Bit 1-0
SCAN Channel Selection (see Table 5-15 for a complete description)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com