Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 29Page - Microchip Technology MCP3565R Datasheet HTML 30Page - Microchip Technology MCP3565R Datasheet HTML 31Page - Microchip Technology MCP3565R Datasheet HTML 32Page - Microchip Technology MCP3565R Datasheet HTML 33Page - Microchip Technology MCP3565R Datasheet HTML 34Page - Microchip Technology MCP3565R Datasheet HTML 35Page - Microchip Technology MCP3565R Datasheet HTML 36Page - Microchip Technology MCP3565R Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 33
MCP3565R
4.13 MCP3565R Delta-Sigma
Architecture
A Delta-Sigma ADC is an oversampling converter that
incorporates a built-in modulator, which digitizes the
quantity of charge integrated by the modulator loop.
The quantizer is the block that performs the
Analog-to-Digital conversion. The quantizer is typically
one bit or a simple comparator, which helps to maintain
the linearity performance of the ADC (the DAC
structure is in this case, inherently linear).
Multibit quantizers help to lower the quantization error
(the error fed back in the loop can be very large with
1-bit quantizers) without changing the order of the
modulator or the OSR, which leads to better SNR
figures. However, typically the linearity of such
architectures is more difficult to achieve since the DAC
is no more simple to realize and its linearity limits the
THD of such ADC.
The modulator five-level quantizer is a Flash ADC,
composed of four comparators, arranged with equally
spaced thresholds and a thermometer coding. The
device also includes proprietary five-level DAC
architecture that is inherently linear for improved THD
figures.
4.14 Power Supply Rejection Ratio
(PSRR)
This is the ratio between a change in the power supply
voltage and the change in the ADC output codes. It
measures the influence of the power supply voltage on
the ADC outputs. PSRR is defined in Equation 4-10.
The PSRR specification can be DC (the power supply
is taking multiple DC values) or AC (the power supply
is a sine wave at a certain frequency with a certain
Common-mode). In AC, the amplitude of the sine wave
represents the change in the power supply.
EQUATION 4-10:
Where VOUT is the equivalent input voltage that the
output code translates to with the ADC transfer
function.
4.15 Common-Mode Rejection Ratio
(CMRR)
This is the ratio between a change in the
Common-mode input voltage and the change in the
ADC output codes. It measures the influence of the
Common-mode input voltage on the ADC outputs.
The CMRR specification can be DC (the Common-mode
input voltage takes multiple DC values) or AC (the
Common-mode input voltage is a sine wave at a certain
frequency with a certain Common-mode). In AC, the
amplitude of the sine wave represents the change in
the Common-mode input voltage. CMRR is defined in
Equation 4-11.
EQUATION 4-11:
Where VINCOM = (VIN+ + VIN-)/2 is the Common-mode
input voltage and VOUT is the equivalent input voltage
that the output code translates to with the ADC transfer
function.
4.16 Digital Pins Output Current
Consumption
The digital current consumption shown in the
Electrical
Characteristics table does not take into account the
current consumption generated by the digital output pins
and the charge of their capacitive loading. The specifica-
tion is intended with all output pins left floating and no
communication.
In order to estimate the additional current consumption
due to the output pins, see Equation 4-12. This equa-
tion specifies the amount of additional current due to
each pin when its output is connected to a Cload
capacitance, with respect to DGND and submitted to an
output signal toggling at an fout frequency.
If a typical 10 MHz SPI frequency is used, with a 30 pF
load and DVDD = 3.3V, the SDO output generates an
additional maximum current consumption of 500 µA
(the maximum toggling frequency of SDO is 5 MHz,
since fSCK = 10 MHz and this is reached when the ADC
output code is a succession of ‘1’s and ‘0’s). The Cload
value includes internal digital output driver capaci-
tance, but this can generally be neglected with respect
to the external loading capacitance.
EQUATION 4-12:
PSRR dB
20
VOUT
AVDD
-------------------
log
=
CMRR dB
20
VOUT
VINCOM
------------------------
log
=
DIDDSPI Cload DVDD
f
out
=
Where:
Cload = Capacitance on the Output Pin
DVDD = Digital Supply Voltage
fout = Output Frequency on the Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com