Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 44Page - Microchip Technology MCP3565R Datasheet HTML 45Page - Microchip Technology MCP3565R Datasheet HTML 46Page - Microchip Technology MCP3565R Datasheet HTML 47Page - Microchip Technology MCP3565R Datasheet HTML 48Page - Microchip Technology MCP3565R Datasheet HTML 49Page - Microchip Technology MCP3565R Datasheet HTML 50Page - Microchip Technology MCP3565R Datasheet HTML 51Page - Microchip Technology MCP3565R Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
MCP3565R
DS20006401C-page 48
2020-2021 Microchip Technology Inc.
When VREF_SEL = 0, the reference voltage is set to
External mode. The REFIN+/OUT pin becomes an
input. In this case, the REFIN+/OUT pad is directly tied
to the VREF+ input of the ADC. There is no input buffer
in the differential input voltage reference path in this
mode, so the external voltage reference should include
a buffer to be able to charge the internal voltage
reference sampling capacitors.
When VREF_SEL = 1, the REFIN+/OUT is internally
buffered to produce a 2.4V buffered reference voltage
at the VREF+ input of the ADC. Section 5.7.2 “Internal
Voltage Reference Buffer” details the architecture of
the voltage reference buffer.
In this mode, the REFIN+/OUT pin becomes an output
and the reference voltage is generated internally.
The structure of the internal voltage reference is based
on a band gap voltage reference source, giving a 1.2V
output directly connected to a low noise chopper buffer,
configured with a gain of 2x, to give a 2.4V output on
the REFIN+/OUT pad. The internal reference has a
very low typical temperature coefficient of 15 ppm/°C
for extended temperature range and 9 ppm/°C for
industrial temperature range, allowing the ADC output
codes to have the least variation corresponding to the
temperature ranges, since they are proportional to
(1/VREF).
5.7.2
INTERNAL VOLTAGE REFERENCE
BUFFER
When VREF_SEL = 1, the voltage reference buffer is
enabled. It is only powered on when the ADC state is in
Reset or in Conversion mode and is powered off in
Shutdown mode.
The buffer is designed to be able to drive the ADC
reference input that is sampling the reference voltage.
The REFIN- pin is not buffered and is connected
directly to the ADC inverting voltage reference input
(VREF-).
The offset induced by the buffer may slightly vary
between the two possible gain selections, as well as its
temperature dependency and bandwidth; therefore, it
has to be characterized separately. The buffer injects a
certain quantity of 1/f noise into the system that can be
modulated with the incoming input signals and can limit
the SNR performance at higher OSR values
(OSR > 256).
To overcome this limitation, the buffer includes an
auto-zeroing algorithm that greatly reduces (cancels
out) the 1/f noise and cancels the offset value of the
reference buffer. As a result, the SNR of the system is
not affected by this 1/f noise component of the
reference buffer, even at maximum OSR values. This
auto-zeroing algorithm is performed synchronously
with the DMCLK and can be enabled or disabled with
the AZ_VREF bit setting in the CONFIG2 register.
When AZ_VREF = 1 (default), the auto-zeroing is
enabled, which cancels out the 1/f noise and improves
the SNR, while not impacting the THD performance.
This mode is recommended for higher OSR values
(OSR > 256).
When AZ_VREF = 0, the reference auto-zeroing
algorithm is disabled. This setting should be reserved
for lower OSR values, where higher ADC speed is
more important than accuracy.
If the application is susceptible to high-frequency noise,
using AZ_VREF = 0 or a proper low-pass filter at the
VREF output pin (to filter out the chopper frequency
components from the buffered output) is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com