Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 46Page - Microchip Technology MCP3565R Datasheet HTML 47Page - Microchip Technology MCP3565R Datasheet HTML 48Page - Microchip Technology MCP3565R Datasheet HTML 49Page - Microchip Technology MCP3565R Datasheet HTML 50Page - Microchip Technology MCP3565R Datasheet HTML 51Page - Microchip Technology MCP3565R Datasheet HTML 52Page - Microchip Technology MCP3565R Datasheet HTML 53Page - Microchip Technology MCP3565R Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 108 page
background image
MCP3565R
DS20006401C-page 50
2020-2021 Microchip Technology Inc.
5.9
ADC Operating Modes
The ADC can be placed into three different operating
modes: ADC Shutdown, Standby and Conversion. The
ADC operating mode is controlled by the user through
the ADC_MODE[1:0] bits in the CONFIG0 register. The
user can directly launch conversions or place the ADC
into ADC Shutdown or Standby mode by writing these
bits. Additional Fast commands are available for each
of the three possible states of these bits to allow faster
programming in case of time-sensitive applications
(see
Section 6.2.4 “Command-Type Bits (CMD[1:0])”).
Table 5-10 describes the available ADC_MODE[1:0]
bits setting.
The ADC_MODE[1:0] bits do not give an instantaneous
representation of the ADC state. Writing the
ADC_MODE[1:0] bits sets the desired state of the
ADC, but this state is only attained after a start-up time
depending on the current state of the ADC (see
Section 5.11 “ADC Start-up Timer” for details about
the start-up timer). Typically, the device starts in ADC
Shutdown mode after a POR (ADC_MODE[1:0] = 00
by default). To launch conversions in the desired
configuration, the user should program the part in the
desired
configuration
and
then
set
the
ADC_MODE[1:0] bits to ‘11’. In this case, the first
conversion will start after TADC_SETUP = 256 DMCLK
periods. This time is necessary for the part to adjust to
the new programmed settings and settle in to its
operating point to accurately convert the input signals.
Internally, the device tracks the current state of the
ADC, as well as the start-up timer counter, to be able to
optimize the start-up time depending on the desired
transitions and internal configurations required, and set
by the user.
In MUX mode, overwriting the ADC_MODE[1:0] bits to
‘11’ when the ADC is already in conversion resets and
restarts the current conversion immediately.
In Scan mode (see
Section 5.15 “Scan Mode”),
writing the ADC_MODE[1:0] bits to ‘11’ starts the
conversion Scan cycle. During the complete cycle,
even when the Scan timer is enabled, reading the
ADC_MODE[1:0] bits gives a ‘11’ code output,
meaning that the Scan cycle is ongoing. Rewriting
ADC_MODE[1:0] = 11 during Scan mode will immedi-
ately reset and restart the entire Scan sequence from
the beginning of the sequence. The restart of the Scan
sequence may induce a TADC_SETUP additional delay if
the ADC is in ADC Shutdown mode when the
ADC_MODE bits are overwritten (this can happen if the
ADC_MODE bits are overwritten during the timer delay
period, where the ADC is placed into ADC Shutdown
mode in between two Scan cycles).
The ADCDATA register is always updated with the last
conversion results. The ADCDATA register cannot
provide incomplete conversion results. The A/D
conversion must be completed to be able to provide a
result in the ADCDATA register. Each end of
conversion generates a data ready interrupt on both
IRQ mechanisms (see
Section 6.8.1 “Conversion
Data Ready (DR) Interrupt”). The ADCDATA register
is never cleared when the device transitions from one
mode to another. The only way to clear the ADCDATA
register is a POR event or a Full Reset Fast command
(see
Section 6.2.5, Fast Commands Description).
Note:
Since there is no IRQ pin, the IRQ
mechanisms are the STATUS byte and
IRQ register bits.
TABLE 5-10: ADC OPERATING MODES DESCRIPTION
ADC_MODE[1:0]
ADC Mode
Description
11
Conversion
The ADC is placed into Conversion mode and consumes the specified
current. A/D conversions can be reset and restarted immediately once this
mode is effectively reached. This mode may be reached after a maximum of
TADC_SETUP time, depending of the current state of the ADC.
10
Standby
Conversions are stopped. ADC is placed into Reset but consumes almost
as much current as in Conversion mode. A/D conversions can start
immediately once this mode is effectively reached. This mode may be
reached after a maximum of TADC_SETUP time, depending of the current
state of the ADC.
0x
ADC Shutdown Conversions are stopped. ADC is placed into ADC Shutdown mode and
does not consume any current. A/D conversions can only start after
TADC_SETUP start-up time. This mode is effective immediately after being
programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com