Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 47Page - Microchip Technology MCP3565R Datasheet HTML 48Page - Microchip Technology MCP3565R Datasheet HTML 49Page - Microchip Technology MCP3565R Datasheet HTML 50Page - Microchip Technology MCP3565R Datasheet HTML 51Page - Microchip Technology MCP3565R Datasheet HTML 52Page - Microchip Technology MCP3565R Datasheet HTML 53Page - Microchip Technology MCP3565R Datasheet HTML 54Page - Microchip Technology MCP3565R Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 51
MCP3565R
5.10 Low-Power Shutdown Modes
The device incorporates two low-power modes that can
be activated in order to limit power consumption of the
device when ADC is not used. These two modes are
called Partial Shutdown and Full Shutdown modes.
5.10.1
FULL SHUTDOWN MODE
The Full Shutdown mode can only be enabled by
sending a Fast Command Full Shutdown (Fast
Command code: ‘1101’). Note that the execution of this
Fast command forces the CONFIG0 to be set to 0x00
(no active block is enabled).
Full Shutdown mode is the lowest power mode of the
device. None of the circuits consuming static power are
active in this mode.
As stated in
Section 5.8 “Power-on Reset”, the
AVDD/DVDD POR monitoring circuits are not active
while in Full Shutdown mode.
The part can still be accessed through the SPI interface
during this mode and will accept incoming SPI
commands. The ADCDATA register is not cleared during
Full Shutdown mode and still holds previous conversion
results. The other register settings are not modified or
reset due to entering Full Shutdown mode.
The Full Shutdown mode stops all internal timers and
resets them. Sending a Fast CMD to change the
operating mode exits the Full Shutdown mode.
The user should place all digital inputs to a static value
(logic low or high) in order to optimize power con-
sumption during Full Shutdown mode. The current
consumption specifications during Full Shutdown
mode are intended without any digital pin toggling
during the measurement. In this case, only leakage
current is consumed throughout the device and this
current varies exponentially with respect to absolute
temperature.
5.10.2
PARTIAL SHUTDOWN MODE
Partial Shutdown mode is achieved when CONFIG0 is
set to ‘0000000x’. In this mode, most of the internal
circuits are shut down, with the exception of the POR
monitoring and internal biasing circuits. During the
Partial Shutdown mode, the power supply is continu-
ously monitored, whereas in Full Shutdown mode, the
POR monitoring circuits are powered down. The power
consumption is also much higher in Partial Shutdown
mode due to the POR monitoring circuits being active.
Partial Shutdown mode allows the device to be restarted
and put back in Conversion mode faster than Full
Shutdown mode. Table 5-11 describes the differences
between Partial and Full Shutdown modes. If the current
consumption of Partial Shutdown mode is acceptable for
the application, it is recommended that it is used as an
alternative to Full Shutdown mode, where the POR
monitoring circuits are shut down and no longer monitor-
ing the AVDD and DVDD power supplies.
Note:
If the digital power supply resides for a long
time period below the POR threshold and
to a sufficiently low voltage (typically below
0.6V), some bits previously set to ‘1’ can
toggle to ‘0’ and not be set properly.
In order to ensure a safe operation after
the Full Shutdown mode, follow the
sequence of commands:
- Write LOCK register to 0xA5
- Write IRQ register to 0x07
- Send a Fast CMD Full Reset (‘1110’)
- Reconfigure the chip as desired
This sequence ensures a recovery with
the desired settings in any loss-of-power
scenario.
TABLE 5-11: LOW-POWER MODES(1)
Device
Low-Power Mode VREF_SEL
CONFIG0[6] CLK_SEL[1:0] CS_SEL[1:0] ADC_MODE[1:0]
Description
Partial Shutdown
0
0
00
00
0x
All peripherals, except the
POR monitoring circuits and
clock biasing circuits, are shut
down and consume no static
current.The SPI interface
remains active in this mode
and consumes no current
while the bus is Idle.
Full Shutdown
0
0
00
00
00
All analog and digital circuits
are shut down and consume
no static current. The SPI
interface remains active in
this mode and consumes no
current while the bus is Idle.
Note 1: x = Do not care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com