Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 82 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 82 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 78Page - Microchip Technology MCP3565R Datasheet HTML 79Page - Microchip Technology MCP3565R Datasheet HTML 80Page - Microchip Technology MCP3565R Datasheet HTML 81Page - Microchip Technology MCP3565R Datasheet HTML 82Page - Microchip Technology MCP3565R Datasheet HTML 83Page - Microchip Technology MCP3565R Datasheet HTML 84Page - Microchip Technology MCP3565R Datasheet HTML 85Page - Microchip Technology MCP3565R Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
MCP3565R
DS20006401C-page 82
2020-2021 Microchip Technology Inc.
7.1.1
HIGH-SIDE AND LOW-SIDE
CURRENT SENSING
The ADC has the ability to perform differential
measurements with an analog input Common-mode
equal to or slightly larger than AVDD, or equal to or slightly
lower than AGND (see the Electrical Characteristics
table).
A differential input structure and a Kelvin connection
are required in order to achieve the most accurate
measurements. An anti-aliasing filter is required to
avoid aliasing of the oversampling frequency (DMCLK)
back into the baseband of the input signal and possible
corruption of the output data. Figure 7-1 provides an
example of an anti-aliasing filter.
For the measurement of voltages that can reach AVDD
or a few mV higher, a gain setting of 0.33x is useful
since it increases the input range to a 3 x VREF value,
so a 1.2V VREF will allow a theoretical input range of
3.6V. However, the maximum voltage that can be
measured is always bounded by AVDD + 0.1V in order
to limit excess leakage current at the input pins created
by the ESD structures. Therefore, in order to properly
measure 3.6V with a 1.2V voltage reference, it is
recommended to use an AVDD supply voltage as close
as possible to 3.6V.
7.1.2
THERMOCOUPLE CONNECTION
One of the most used temperature transducers in the
industry is the thermocouple. Thermocouples provide a
voltage dependent on the temperature difference
between cold junction and hot junction. This voltage is
in the order of magnitude of tens of µV/°C, which
requires amplification that can be provided by the
internal gain stage of the ADC.
FIGURE 7-2:
Thermocouple Connection.
The connection of the thermocouple to the ADC
requires minimal extra components. A differential input
structure is recommended. The cold junction can be
measured by using a digital temperature sensor, such
as MCP9804, connected to the MCU. If high accuracy
is not required, the cold junction temperature can be
estimated directly with the internal temperature sensor
of the ADC (see Figure 7-2).
7.2
Typical Application for
Ratiometric Voltage Measurement
A wide range of sensors provides an output voltage
directly related to the power supply of the sensors.
These sensors are known as ratiometric output. These
sensors often have a Wheatstone bridge structure,
such as pressure sensors or load cells (Figure 7-3).
FIGURE 7-3:
Wheatstone Bridge
Ratiometric Connection.
Others act as a single resistor with a value dependent
on temperature (pure metal resistance thermometer
RTD and negative temperature coefficient resistor
NTC). To accurately measure the signal from these
sensors, REFIN+/OUT is usually connected to the
same power supply of the sensor (Figure 7-4), as long
as this respects the specified voltage range on the
REFIN+/OUT pin (see the
Electrical Characteristics
table.
FIGURE 7-4:
RTD Ratiometric Connection.
VIN+
VIN-
REFIN+/OUT
REFIN-
MCP3565R
R1
Input
Signal
RTD
Anti-aliasing
Filter
Sensor
VIN+
VIN-
REFIN+/OUT
REFIN-
MCP3565R
C1
C2
R1
R2
AGND
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com