Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 27Page - Microchip Technology MCP3565R Datasheet HTML 28Page - Microchip Technology MCP3565R Datasheet HTML 29Page - Microchip Technology MCP3565R Datasheet HTML 30Page - Microchip Technology MCP3565R Datasheet HTML 31Page - Microchip Technology MCP3565R Datasheet HTML 32Page - Microchip Technology MCP3565R Datasheet HTML 33Page - Microchip Technology MCP3565R Datasheet HTML 34Page - Microchip Technology MCP3565R Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 31
MCP3565R
4.0
TERMINOLOGY AND
FORMULAS
This section defines the terms and formulas used
throughout this document. The following terms are
defined:
• MCLK – Master Clock
• AMCLK – Analog Master Clock
• DMCLK – Digital Master Clock
• DRCLK – Data Rate Clock
• OSR – Oversampling Ratio
• Offset Error
• Gain Error
• Integral Nonlinearity Error (INL)
• Signal-to-Noise Ratio (SNR)
• Signal-to-Noise and Distortion Ratio (SINAD)
• Total Harmonic Distortion (THD)
• Spurious-Free Dynamic Range (SFDR)
• MCP3565R Delta-Sigma Architecture
• Power Supply Rejection Ratio (PSRR)
• Common-Mode Rejection Ratio (CMRR)
• Digital Pins Output Current Consumption
FIGURE 4-1:
System Clock Details.
4.1
MCLK – Master Clock
This is the master clock frequency used for clocking the
Delta-Sigma ADC and the timer for the Scan mode. It
can be externally generated (in which case, SCK is the
input pin for this clock) or internally generated by the
internal oscillator (in which case, it can also be clocked
out on the SCK pin).
4.2
AMCLK – Analog Master Clock
This is the clock frequency that is present on the analog
portion of the device after prescaling has occurred via
the PRE[1:0] bits.
EQUATION 4-1:
ANALOG MASTER
CLOCK
4.3
DMCLK – Digital Master Clock
This is the clock frequency that is present on the digital
portion of the device. This is also the sampling frequency
or the rate at which the modulator outputs are refreshed.
Each period of this clock corresponds to one sample and
one modulator output. See Equation 4-2.
EQUATION 4-2:
DIGITAL MASTER CLOCK
4.4
DRCLK – Data Rate Clock
This is the output data rate in Continuous mode or the
rate at which the ADC outputs new data. This data rate
depends on the OSR and the prescaler as shown in
Equation 4-3.
EQUATION 4-3:
DATA RATE
Since this is the output data rate and since the
decimation filter is a sinc (or notch) filter, there is a
notch in the filter transfer function at each integer
multiple of this rate.
SCK
Pad
1/OSR
Internal Oscillator
MCLK
Multiplexer
OUT
1
0
1/PRESCALE
1/4
AMCLK
DMCLK
DRCLK
Clock Divider
Clock Divider
Clock Divider
OSR[3:0]
PRE[1:0]
CLK_SEL[1]
AMCLKOUT
CLK_SEL[1] = 0
CLK_SEL[1:0] = 11
AMCLK
MCLK
Prescale
-----------------------
=
DMCLK
AMCLK
4
---------------------
MCLK
4 Prescale
--------------------------------
=
=
DRCLK
DMCLK
OSR
----------------------
AMCLK
4 OSR
---------------------
MCLK
4 OSR Prescale
---------------------------------------------------
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com