Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 34Page - Microchip Technology MCP3565R Datasheet HTML 35Page - Microchip Technology MCP3565R Datasheet HTML 36Page - Microchip Technology MCP3565R Datasheet HTML 37Page - Microchip Technology MCP3565R Datasheet HTML 38Page - Microchip Technology MCP3565R Datasheet HTML 39Page - Microchip Technology MCP3565R Datasheet HTML 40Page - Microchip Technology MCP3565R Datasheet HTML 41Page - Microchip Technology MCP3565R Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
MCP3565R
DS20006401C-page 38
2020-2021 Microchip Technology Inc.
EQUATION 5-1:
TEMPERATURE SENSOR TRANSFER FUNCTION
5.1.3
ADC OFFSET CANCELLATION
ALGORITHM
The input multiplexer and the ADC include an offset
cancellation algorithm that cancels the offset contribution
of the ADC. This offset cancellation algorithm is
controlled by the AZ_MUX bit in the CONFIG2 register.
When AZ_MUX = 0 (default), the offset cancellation
algorithm is disabled and the conversions are not
affected by this setting. When AZ_MUX = 1, the
algorithm is enabled. When the offset cancellation
algorithm is enabled, ADC takes two conversions, one
with the differential input as VIN+/VIN-, one with VIN+/VIN-
inverted. Equation 5-2 calculates the ADC output code.
When AZ_MUX = 1, the Conversion Time, TCONV, is
multiplied by two, compared to the default case where
AZ_MUX = 0.
EQUATION 5-2:
AZ_MUX CONVERSION RESULT
This technique allows the cancellation of the ADC
offset error and the achievement of ultra-low offset
without any digital calibration. The resulting offset is the
residue of the difference between the two conversions,
which is on the order of magnitude of the noise floor.
This offset is effectively canceled at every conversion,
so the residual offset error temperature drift is
extremely low.
For One-Shot mode, the conversion time is simply
multiplied by two. Enabling the AZ_MUX bit is not
compatible with the Continuous Conversion mode
(because it effectively multiplexes the inputs in
between each conversion). If AZ_MUX = 1 and
CONV_MODE = 11 (Continuous Conversion mode),
the device will reset the digital filter in between each
conversion, and will therefore, have an output data rate
of 1/(2 * TCONV). The Continuous mode is replaced by
a series of One-Shot mode conversions with no delay
in between each conversion (see
Section 5.14 “Con-
version Modes” and Figure 5-5 for more details about
the Conversion modes).
First-order (linear) fitting: Gain = 1, MCLK = 4.9152 MHz, DATA_FORMAT[1:0] = 00
TEMP C
4.0096 10 4
–
 
ADCDATA LSb
VREF V
 
269.13
–
=
VIN mV
0.2973 TEMP (C) 80
+
=
Where VREF = VREF+ – VREF-
ADC Output Code (AZ_MUX = 1)
ADC Output at + VIN
ADC Output at -VIN
–
2
-------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com