Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 86 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 86 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 82Page - Microchip Technology MCP3565R Datasheet HTML 83Page - Microchip Technology MCP3565R Datasheet HTML 84Page - Microchip Technology MCP3565R Datasheet HTML 85Page - Microchip Technology MCP3565R Datasheet HTML 86Page - Microchip Technology MCP3565R Datasheet HTML 87Page - Microchip Technology MCP3565R Datasheet HTML 88Page - Microchip Technology MCP3565R Datasheet HTML 89Page - Microchip Technology MCP3565R Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 108 page
background image
MCP3565R
DS20006401C-page 86
2020-2021 Microchip Technology Inc.
8.1
ADCDATA REGISTER
Name
Bits
Address
Cof
ADCDATA
4/24/32
0x0
R
REGISTER 8-1:
ADCDATA: ADC CHANNEL DATA OUTPUT REGISTER
R-0
ADCDATA[23:0]
bit 23
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-0
ADCDATA[23:0]: ADC Output Code
The data are post-calibration if the EN_OFFCAL or EN_GAINCAL bits are enabled. The data can be
formatted in 24/32-bit modes depending on the DATA_FORMAT[1:0] settings (see
Section 5.6 “ADC
Output Data Format”).
The ADC Channel Data Output registers always contain the most recent A/D conversion data. The
register is updated at each data ready internal signal (it depends on the OSR and CONV_MODE
settings). The register is latched at the start of each SPI Read command. The register is double
buffered to avoid data loss. There is a small time delay, tDODR, after each data ready, where the user
has to wait for the data to be available; otherwise, data corruption can occur (when the internal data
are refreshed).
When EN_MDAT = 1, this register becomes a 4-bit wide register containing the MDAT output codes,
which are the outputs of the modulator that are represented by four comparator outputs (COMP[3:0],
see
Section 5.4.2 “Modulator Output Block”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com