Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 3Page - Microchip Technology MCP3565R Datasheet HTML 4Page - Microchip Technology MCP3565R Datasheet HTML 5Page - Microchip Technology MCP3565R Datasheet HTML 6Page - Microchip Technology MCP3565R Datasheet HTML 7Page - Microchip Technology MCP3565R Datasheet HTML 8Page - Microchip Technology MCP3565R Datasheet HTML 9Page - Microchip Technology MCP3565R Datasheet HTML 10Page - Microchip Technology MCP3565R Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 7
MCP3565R
AC Performance
Signal-to-Noise and
Distortion Ratio
SINAD
105.8
106.7
—
dB
AVDD = DVDD = VREF = 3.3V
and TA = +25°C (Note 2)
98.1
99.4
—
dB
AVDD = DVDD = 3.3V,
VREF = 2.4V internal, bypass
capacitor 0.1 µF and
TA = +25°C (Note 2)
Signal-to-Noise Ratio
SNR
106.7
107.2
—
dBc
AVDD = DVDD = VREF = 3.3V
and TA = +25°C (Note 2)
98.5
99.8
—
dBc
AVDD = DVDD = 3.3V,
VREF = 2.4V internal, bypass
capacitor 0.1 µF and
TA = +25°C (Note 2)
Total Harmonic Distortion
THD
—
-116
-111
dB
AVDD = DVDD = VREF = 3.3V
and TA = +25°C, includes the
first 10 harmonics
(Note 2)
—
-110
-105
dB
AVDD = DVDD = 3.3V,
VREF = 2.4V internal, bypass
capacitor 0.1 µF and
TA = +25°C, includes the first 10
harmonics
(Note 2)
Spurious-Free Dynamic
Range
SFDR
110
120
—
dBc
AVDD = DVDD = VREF = 3.3V
and TA = +25°C (Note 2)
108
113
—
dBc
AVDD = DVDD = 3.3V,
VREF = 2.4V internal, bypass
capacitor 0.1 µF and
TA = +25°C (Note 2)
Input Channel Crosstalk
CTALK
—
-130
—
dB
VIN = 0V, Perturbation = 0 dB at
50 Hz, applies to all
perturbation channels and all
input channels
AC Power Supply
Rejection Ratio
AC PSRR
—
-75 – 20 x
LOG (GAIN)
—
dB
VIN = 0V, DVDD = 3.3V,
AVDD = 3.3V + 0.3 VP, 50 Hz
AC Common-Mode
Rejection Ratio
AC CMRR
—
-122
—
dB
VINCOM = 0 dB at 50 Hz,
VIN = 0V
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = 2.7V to 3.6V, DVDD = 1.8V to AVDD + 0.1V,
MCLK = 4.9152 MHz, VREF = AVDD, ADC_MODE[1:0] = 11. All other register map bits to their default conditions,
TA = -40°C to +125°C, VIN = -0.5 dBFS at 50 Hz.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: This parameter is ensured by design and not 100% tested.
2: This parameter is ensured by characterization and not 100% tested.
3: REFIN- must be connected to ground for single-ended measurements.
4: Full-Scale Range (FSR) = 2 x VREF/GAIN.
5: This input impedance is due to the internal input sampling capacitor and frequency. This impedance is measured
between the two input pins of the channel selected with the input multiplexer.
6: Applies to all analog gains. Offset and gain errors depend on analog gain settings. See Sections 2.0 “Typical
Performance Curves”.
7: INL is the difference between the endpoints line and the measured code at the center of the quantization band.
8: DIDD is measured while no transfer is present on the SPI bus.
9: An external buffer is recommended for external use.
10:Start-up time is the reaction time to the SPI command.
11:Settling time depends on bypass caps on the REFIN+/OUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com