Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 76 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 76 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 72Page - Microchip Technology MCP3565R Datasheet HTML 73Page - Microchip Technology MCP3565R Datasheet HTML 74Page - Microchip Technology MCP3565R Datasheet HTML 75Page - Microchip Technology MCP3565R Datasheet HTML 76Page - Microchip Technology MCP3565R Datasheet HTML 77Page - Microchip Technology MCP3565R Datasheet HTML 78Page - Microchip Technology MCP3565R Datasheet HTML 79Page - Microchip Technology MCP3565R Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
MCP3565R
DS20006401C-page 76
2020-2021 Microchip Technology Inc.
6.8
Interrupts Description
The MCP3565R device incorporates two interrupt
mechanisms to be able to synchronize the device with
an MCU and to warn against external perturbations.
There are three events that can generate interrupt flags:
• Data Ready
• POR
• CRC Error on the Register Map Configuration
A summary of the different mechanisms is available in
Table 6-3.
6.8.1
CONVERSION DATA READY (DR)
INTERRUPT
The data ready interrupt happens when a new
conversion is ready to be read on the ADCDATAregister.
This event happens synchronously with DMCLK and at
each end of conversion. This interrupt is implemented
with two different and independent mechanisms:
STATUS byte on SDO and IRQ register Status bit.
1. STATUS byte on SDO. When the interrupt
occurs on the next STATUS byte transmitted on
SDO, the DR_STATUS bit will be logic low. Once
the STATUS byte has been transmitted, the
DR_STATUS bit appears as ‘1’ until a new
interrupt is present. If the interrupt occurs
between two STATUS byte transmissions, the
DR_STATUS bit on SDO will appear as equal to
‘0’ on the second reading.
2. IRQ register Status bit. When the interrupt
occurs, the DR_STATUS bit in the IRQ register
is set to ‘0’. Once the IRQ register has been fully
read, this DR_STATUS bit is reset to ‘1’. If the
interrupt occurs between two readings of the
IRQ register, the IRQ register Status bit appears
as equal to ‘0’ on the second reading.
6.8.2
POR INTERRUPT
The POR interrupt informs the user if a POR event has
happened.
This interrupt is implemented with two different and
independent mechanisms: STATUS byte on SDO and
IRQ register Status bit.
6.8.2.1
STATUS Byte on SDO
When the device has just powered up, on the first
STATUS byte transmitted on SDO (first communica-
tion), the POR_STATUS bit is logic low. Once the
STATUS byte has been transmitted, the POR_STATUS
bit appears as ‘1’ until the part is powered down. If a
POR event occurs between two STATUS byte trans-
missions, and if the part is properly repowered up, the
POR_STATUS bit on SDO will appear as equal to ‘0’ on
the latter reading. This mechanism can only work when
the power supplies are back above the POR thresholds
on the analog and digital cores, as retrieving data from
the SPI port is not possible when the device is in a POR
state.
6.8.2.2
IRQ Register Status Bit
When the device has just powered up, the
POR_STATUS bit in the IRQ register is set to ‘0’. Once
the IRQ register has been fully read, this
POR_STATUS bit is once again reset to ‘1’. If a POR
event occurs between two readings of the IRQ register,
the IRQ register Status bit will appear as equal to ‘0’ on
the second reading. This mechanism can only work
when the power supplies are back above the POR
thresholds on the analog and digital cores.
TABLE 6-3:
INTERRUPT DESCRIPTION SUMMARY TABLE
Interrupt Flag Type
Description
Clearing Procedure
STATUS Byte
Three Status bits (DR_STATUS,
CRCCFG_STATUS, POR_STATUS) are
latched together after device address
detection and clocked out during each
command on the SDO STATUS byte.
Cleared when STATUS byte clocking is finished
(on the last SCK falling edge).
IRQ Register Status
Bits
IRQ register Status bits can be read when
reading the address 0x5 (IRQ register).
The IRQ latching occurs at the beginning
of the IRQ register reading.
Cleared when the IRQ register reading is
finished (on the last SCK falling edge).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com