Electronic Components Datasheet Search
  English  ▼

X  

MCP3565R Datasheet(PDF) 105 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 105 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 100Page - Microchip Technology MCP3565R Datasheet HTML 101Page - Microchip Technology MCP3565R Datasheet HTML 102Page - Microchip Technology MCP3565R Datasheet HTML 103Page - Microchip Technology MCP3565R Datasheet HTML 104Page - Microchip Technology MCP3565R Datasheet HTML 105Page - Microchip Technology MCP3565R Datasheet HTML 106Page - Microchip Technology MCP3565R Datasheet HTML 107Page - Microchip Technology MCP3565R Datasheet HTML 108Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 105
MCP3565R
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3565R:
Two Differential Channels,
High-Precision 24-Bit Delta-Sigma ADC
with SPI Device Address ‘01’
Tape and Reel:
T
= Tape and Reel
Blank = Standard packaging (tube or tray)
Temperature
Range:
E
= -40°C to +125°C (Extended)
Package:
SFX = Ultra-Small, No Lead Package (UQFN),
2 mm x 2 mm x 0.55 mm, 12-Lead
Examples:
a) MCP3565RT-E/SFX: Two-Channel ADC,
Tape and Reel,
Extended Temperature,
12-Lead UQFN
PART NO.
X
Temperature
Range
Device
/XX
Package
X(1)
Tape and
Reel
Note 1: The Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
2: The device SPI Address ‘01’ is the default
address option. Contact Microchip Sales for
other device address option ordering
procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com