Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 4 Page - Dialog Semiconductor

  SLG47503 Datasheet HTML 1Page - Dialog Semiconductor SLG47503 Datasheet HTML 2Page - Dialog Semiconductor SLG47503 Datasheet HTML 3Page - Dialog Semiconductor SLG47503 Datasheet HTML 4Page - Dialog Semiconductor SLG47503 Datasheet HTML 5Page - Dialog Semiconductor SLG47503 Datasheet HTML 6Page - Dialog Semiconductor SLG47503 Datasheet HTML 7Page - Dialog Semiconductor SLG47503 Datasheet HTML 8Page - Dialog Semiconductor SLG47503 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
4 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
Figures
Figure 1: Block Diagram............................................................................................................................................................. 7
Figure 2: Steps to Create a Custom GreenPAK Device...........................................................................................................24
Figure 3: GPI Structure Diagram..............................................................................................................................................26
Figure 4: GPIO with I2C Mode IO Structure Diagram...............................................................................................................27
Figure 5: Matrix OE IO Structure Diagram ...............................................................................................................................28
Figure 6: Typical High Level Output Current vs. High Level Output Voltage at T = 25 °C .......................................................29
Figure 7: Typical Low Level Output Current vs. Low Level Output Voltage, 1x Drive at T = 25 °C, Full Range ......................29
Figure 8: Typical Low Level Output Current vs. Low Level Output Voltage, 1x Drive at T = 25 °C .........................................30
Figure 9: Typical Low Level Output Current vs. Low Level Output Voltage, 2x Drive at T = 25 °C, Full Range ......................30
Figure 10: Typical Low Level Output Current vs. Low Level Output Voltage, 2x Drive at T = 25 °C .......................................31
Figure 11: Connection Matrix ...................................................................................................................................................32
Figure 12: Connection Matrix Usage Example.........................................................................................................................32
Figure 13: 2-bit LUT0 or DFF0 or Shift Register0 ....................................................................................................................40
Figure 14: 2-bit LUT1 or DFF1 or Shift Register1 ....................................................................................................................40
Figure 15: 2-bit LUT2 or DFF2 or Shift Register2 ....................................................................................................................41
Figure 16: DFF0 to DFF2 and Shift Register0 to Shift Register2 Operation ............................................................................41
Figure 17: DFF0 to DFF2 and Shift Register0 to Shift Register2 Operation with DFF Initial Value = 1 ...................................42
Figure 18: DFF0 to DFF2 and Shift Register0 to Shift Register2 Operation with Initial Value = b0001 ...................................43
Figure 19: 2-bit LUT3 or PGen .................................................................................................................................................45
Figure 20: PGen Timing Diagram.............................................................................................................................................45
Figure 21: 3-bit LUT0 or DFF3 or Shift Register 3 ...................................................................................................................47
Figure 22: 3-bit LUT1 or DFF4 or Shift Register 4 ...................................................................................................................48
Figure 23: 3-bit LUT2 or DFF5 or Shift Register 5 ...................................................................................................................48
Figure 24: 3-bit LUT3 or DFF6 or Shift Register 6 ...................................................................................................................49
Figure 25: 3-bit LUT4 or DFF7 or Shift Register 7 ...................................................................................................................49
Figure 26: 3-bit LUT5 or DFF8 or Shift Register 8 ...................................................................................................................50
Figure 27: 3-bit LUT6 or DFF9 or Shift Register 9 ...................................................................................................................50
Figure 28: 3-bit LUT7 or DFF10 or Shift Register 10 ...............................................................................................................51
Figure 29: 3-bit LUT8 or DFF11 or Shift Register 11 ...............................................................................................................51
Figure 30: 3-bit LUT9 or DFF12 or Shift Register 12 ...............................................................................................................52
Figure 31: DFF3 to DFF12 and Shift Register 3 to Shift Register 12 Operation ......................................................................52
Figure 32: DFF3 to DFF12 and Shift Register 3 to Shift Register 12 Operation, nReset, Initial Value: b10011011 ................53
Figure 33: DFF3 to DFF12 and Shift Register3 to Shift Register12 Operation, nReset, Initial Value: b10011011, Case2......53
Figure 34: DFF3 to DFF12 and Shift Register 3 to Shift Register 12 Operation, nReset, Initial Value: b00011011 ................54
Figure 35: DFF3 to DFF12 and Shift Register 3 to Shift Register 12 Operation, nSet, Initial Value: b00011010 ....................54
Figure 36: DFF3 to DFF12 and Shift Register 3 to Shift Register 12 Operation, nSet, Initial Value: b00011010, Case 2.......55
Figure 37: DFF3 to DFF12 and Shift Register 3 to Shift Register 12 Operation, nSet, Initial Value: b10011010 ....................55
Figure 38: 4-bit LUT0 or DFF13 or Shift Register 13 ...............................................................................................................58
Figure 39: DFF13 and Shift Register 13 Operation..................................................................................................................59
Figure 40: DFF13 and Shift Register 13 Operation, nSet, Initial Value: xA7B2 .......................................................................59
Figure 41: DFF13 and Shift Register 13 Operation, nReset, Initial Value: xA7B2 ...................................................................60
Figure 42: Possible Connections Inside Multi-Function Macrocell ...........................................................................................62
Figure 43: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT10/DFF15, CNT/DLY1) .................................................63
Figure 44: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT11/DFF16, CNT/DLY2) .................................................64
Figure 45: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT12/DFF17, CNT/DLY3) .................................................65
Figure 46: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT13/DFF18, CNT/DLY4) .................................................66
Figure 47: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT14/DFF19, CNT/DLY5) .................................................67
Figure 48: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT15/DFF20, CNT/DLY6) .................................................68
Figure 49: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT16/DFF21, CNT/DLY7) .................................................69
Figure 50: 4-bit LUT1 or CNT/DLY0.........................................................................................................................................72
Figure 51: Delay Macrocell Behavior with Different Oscillators Options (Edge Select: Both, Counter Data: 3).......................74
Figure 52: Delay Mode Timing Diagram (Rising, Falling, and Both Edge Detection)...............................................................75
Figure 53: Counter Mode Timing Diagram without Two DFFs Synced Up ..............................................................................75
Figure 54: Counter Mode Timing Diagram with Two DFFs Synced Up ...................................................................................76
Figure 55: One-Shot Function Timing Diagram........................................................................................................................77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com