Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 17Page - Dialog Semiconductor SLG47503 Datasheet HTML 18Page - Dialog Semiconductor SLG47503 Datasheet HTML 19Page - Dialog Semiconductor SLG47503 Datasheet HTML 20Page - Dialog Semiconductor SLG47503 Datasheet HTML 21Page - Dialog Semiconductor SLG47503 Datasheet HTML 22Page - Dialog Semiconductor SLG47503 Datasheet HTML 23Page - Dialog Semiconductor SLG47503 Datasheet HTML 24Page - Dialog Semiconductor SLG47503 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
21 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
3.8 COUNTER/DELAY CHARACTERISTICS
3.9 OSCILLATOR CHARACTERISTICS
tw2
Pulse Width, 2 cell
mode: (any) edge detect, edge detect output
347
ns
tw3
Pulse Width, 3 cell
mode: (any) edge detect, edge detect output
520
ns
tw4
Pulse Width, 4 cell
mode: (any) edge detect, edge detect output
695
ns
time1
Delay, 1 cell
mode: (any) edge detect, edge detect output
6
ns
time1
Delay, 2 cell
mode: (any) edge detect, edge detect output
6
ns
time1
Delay, 3 cell
mode: (any) edge detect, edge detect output
6
ns
time1
Delay, 4 cell
mode: (any) edge detect, edge detect output
6
ns
time2
Delay, 1 cell
mode: both edge delay, edge detect output
180
ns
time2
Delay, 2 cell
mode: both edge delay, edge detect output
357
ns
time2
Delay, 3 cell
mode: both edge delay, edge detect output
533
ns
time2
Delay, 4 cell
mode: both edge delay, edge detect output
710
ns
Table 14: Typical Filter Pulse Width, VDD = 1.2 V
Parameter
Condition
Typ
Unit
Filtered Pulse Width, tblock
T = 25 °C, VDD = 1.2 V
< 45
ns
T = -40 °C to +85 °C, VDD = 1.2 V
< 37
ns
T = -40 °C to +85 °C, VDD = 1.2 V ± 0.1 V
< 28
ns
Table 15: Typical Counter/Delay Offset at T = 25 °C, VDD = 1.2 V
Parameter
OSC Freq
OSC Power
Typ
Unit
Power-On time
25 MHz
auto
0.05
µs
Power-On time
2.048 kHz
auto
570
µs
frequency settling time
25 MHz
auto
0.828
µs
frequency settling time
2.048 kHz
auto
963
µs
variable (CLK period)
25 MHz
forced
0-40.6
ns
variable (CLK period)
2.048 kHz
forced
0-490
µs
Table 16: Oscillators Frequency Limits, VDD = 1.1 V to 1.3 V
Parameter
Temperature Range
+25 °C
Minimum
Value, kHz
Maximum Value, kHz
Error, %
2.048 kHz RC OSC0
2.0205
2.0754
+1.3
-1.3
25 MHz RC OSC1
24475
25525
+2.1
-2.1
Table 13: Programmable Delay Expected Typical Delays and Pulse Widths at T = 25 °C, VDD = 1.2 V (Continued)
Parameter
Description
Note
Typ
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com