Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 4Page - Dialog Semiconductor SLG47503 Datasheet HTML 5Page - Dialog Semiconductor SLG47503 Datasheet HTML 6Page - Dialog Semiconductor SLG47503 Datasheet HTML 7Page - Dialog Semiconductor SLG47503 Datasheet HTML 8Page - Dialog Semiconductor SLG47503 Datasheet HTML 9Page - Dialog Semiconductor SLG47503 Datasheet HTML 10Page - Dialog Semiconductor SLG47503 Datasheet HTML 11Page - Dialog Semiconductor SLG47503 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
8 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
2
Pinout
2.1 PIN CONFIGURATION - STQFN- 12L
Pin #
Pin Name
Pin Functions
1
VDD
Power Supply
2
GPI
GPI, SLA_0
3
GPIO0
GPIO, I2C SCL
4
GPIO1
GPIO, I2C SDA
5
GPIO2
GPIO with OE, EXT_OSC1_IN
6
GPIO3
GPIO with OE, EXT_Vref0, SLA_1
7
GND
Ground
8
GPIO4
GPIO with OE, EXT_Vref1, SLA_2
9
GPIO5
GPIO with OE, Vref_OUT, TS_OUT
10
GPIO6
GPIO with OE, ACMP0_H+
11
GPIO7
GPIO with OE, ACMP1_H+
12
GPIO8
GPIO with OE, SLA_3, EXT_OSC0_IN
OE: Output Enable
ACMPx+: ACMPx Positive Input
ACMPx-: ACMPx Negative Input
I2C SCL: I2C Clock Input
I2C SDA: I2C Data Input/Output
Vref: Voltage Reference Output
EXT_CLKx: External Clock Input
SLA: Slave Address
TS_OUT: Temperature Output
Legend:
1
2
3
4
5
6
7
8
9
10
11
12
VDD
GPI
GPIO0
GPIO1
GND
GPIO4
GPIO5
GPIO6
STQFN-12L
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com