Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 34Page - Dialog Semiconductor SLG47503 Datasheet HTML 35Page - Dialog Semiconductor SLG47503 Datasheet HTML 36Page - Dialog Semiconductor SLG47503 Datasheet HTML 37Page - Dialog Semiconductor SLG47503 Datasheet HTML 38Page - Dialog Semiconductor SLG47503 Datasheet HTML 39Page - Dialog Semiconductor SLG47503 Datasheet HTML 40Page - Dialog Semiconductor SLG47503 Datasheet HTML 41Page - Dialog Semiconductor SLG47503 Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
38 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
6.3 CONNECTION MATRIX VIRTUAL INPUTS
As mentioned previously, the Connection Matrix inputs come from the outputs of various digital macrocells on the device. Eight
of the Connection Matrix inputs have the special characteristic that the state of these signal lines comes from a corresponding
data bit written as a register value via I2C. This gives the user the ability to write data via the serial channel, and have this
information translated into signals that can be driven into the Connection Matrix and from the Connection Matrix to the digital
inputs of other macrocells on the device. The I2C address for reading and writing these register values is at byte 0x1.
Six of the eight Connection Matrix Virtual Inputs are dedicated to this virtual input function. An I2C write command to these register
bits will set the signal values going into the Connection Matrix to the desired state. A read command to these register bits will
read either the original data values coming from the NVM memory bits (that were loaded during the initial device startup), or the
values from a previous write command (if that has happened).
Two of the eight Connection Matrix Virtual Inputs are shared with Pin digital inputs (GPIO0 Digital or I2C_virtual_0 Input), and
(GPIO1 Digital or I2C_virtual_1 Input). If the virtual input mode is selected, an I2C write command to these register bits will set
the signal values going into the Connection Matrix to the desired state. A read command to these register bits will read either the
original data values coming from the NVM memory bits (that were loaded during the initial device startup), or the values from a
previous write command (if that has happened). The I2C disable/enable register bit [31] selects whether the Connection Matrix
input comes from the Pin input or from the virtual register:
Select SCL & Virtual Input 0 or GPIO0
Select SDA & Virtual Input 1 or GPIO1
See Table 21 for Connection Matrix Virtual Inputs.
[609:604]
PWR UP of ACMP1_H
94
[615:610]
Temp sensor, Vref Out_0 Power Up
95
[621:616]
Oscillator0 ENABLE
96
[627:622]
Oscillator1 ENABLE
97
Note 1 For each Address, the two most significant bits are unused.
Note 2 GPIO 9, 10, 11, and 12 are available in 16-pin package only.
Table 21: Connection Matrix Virtual Inputs
Matrix Input Number
Matrix Input Signal Function
Register Bit
Addresses (d)
32
I2C_virtual_0 Input
[8]
33
I2C_virtual_1 Input
[9]
34
I2C_virtual_2 Input
[10]
35
I2C_virtual_3 Input
[11]
36
I2C_virtual_4 Input
[12]
37
I2C_virtual_5 Input
[13]
38
I2C_virtual_6 Input
[14]
39
I2C_virtual_7 Input
[15]
Table 20: Matrix Output Table (Continued)
Register Bit
Address
Matrix Output Signal Function
Matrix Output
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com