Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG47503 Datasheet HTML 1Page - Dialog Semiconductor SLG47503 Datasheet HTML 2Page - Dialog Semiconductor SLG47503 Datasheet HTML 3Page - Dialog Semiconductor SLG47503 Datasheet HTML 4Page - Dialog Semiconductor SLG47503 Datasheet HTML 5Page - Dialog Semiconductor SLG47503 Datasheet HTML 6Page - Dialog Semiconductor SLG47503 Datasheet HTML 7Page - Dialog Semiconductor SLG47503 Datasheet HTML 8Page - Dialog Semiconductor SLG47503 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
1 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
Key Features
Applications
General Description
The SLG47502/03 provides a small, low voltage and low power component for commonly used mixed-signal functions. The
user creates their circuit design by programming the one time programmable (OTP) Non-Volatile Memory (NVM) to configure
the interconnect logic, the IO Pins, and the macrocells of the SLG47502/03. This highly versatile device allows a wide variety of
mixed-signal functions to be designed within a very small, low power single integrated circuit.
Two High Speed General Purpose Analog Comparators
(ACMPxH)
Integrated Voltage References (Vref)
Fifteen Combination Function Macrocells
Three Selectable DFF/LATCH or 2-bit LUTs or Shift
Registers
One Selectable Programmable Pattern Generator or
2-bit LUT
Ten Selectable DFF/LATCH or 3-bit LUTs or
Shift Registers
One Selectable DFF/LATCH or 4-bit LUTs or
Shift Register
Eight Multi-Function Macrocells
Seven Selectable DFF/LATCH or 3-bit LUTs + 8-bit
Delay/Counters
One Selectable DFF/LATCH or 4-bit LUT + 16-bit
Delay/Counter
Serial Communications
I
2C Protocol Interface
Programmable Delay with Edge Detector Output
Deglitch Filter or Edge Detector
Two Oscillators (OSC)
2.048 kHz Oscillator
25 MHz Oscillator
Analog Temperature Sensor
Power-On Reset (POR) with CRC Check
Read Back Protection (Read Lock)
Power Supply
1.1 V ≤ VDD ≤ 1.3 V
Operating Temperature Range: -40 °C to 85 °C
RoHS Compliant/Halogen-Free
Available Package
12-pin STQFN: 1.6 mm x 1.6 mm x 0.55 mm, 0.4 mm
pitch
16-pin MSTQFN: 1.6 mm x 1.6 mm x 0.55 mm, 0.4 mm
pitch
Notebook and Tablet PCs
Smartphones and Fitness Bands
Personal Computers and Servers
PC Peripherals
Consumer Electronics
Data Communications Equipment
Handheld and Portable Electronics


Similar Part No. - SLG47503

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG47503M RENESAS-SLG47503M Datasheet
2Mb / 192P
Low Voltage GreenPAK Programmable Mixed-Signal Matrix
16-Jul-2021
SLG47503M RENESAS-SLG47503M Datasheet
3Mb / 192P
Low Voltage GreenPAK Programmable Mixed-Signal Matrix
16-Jul-2021
SLG47503MTR RENESAS-SLG47503MTR Datasheet
2Mb / 192P
Low Voltage GreenPAK Programmable Mixed-Signal Matrix
16-Jul-2021
SLG47503MTR RENESAS-SLG47503MTR Datasheet
3Mb / 192P
Low Voltage GreenPAK Programmable Mixed-Signal Matrix
16-Jul-2021
More results

Similar Description - SLG47503

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
SLG47502 RENESAS-SLG47502 Datasheet
2Mb / 192P
Low Voltage GreenPAK Programmable Mixed-Signal Matrix
16-Jul-2021
SLG47512 RENESAS-SLG47512 Datasheet
3Mb / 192P
Low Voltage GreenPAK Programmable Mixed-Signal Matrix
16-Jul-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com