Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 85 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 85 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 81Page - Dialog Semiconductor SLG47503 Datasheet HTML 82Page - Dialog Semiconductor SLG47503 Datasheet HTML 83Page - Dialog Semiconductor SLG47503 Datasheet HTML 84Page - Dialog Semiconductor SLG47503 Datasheet HTML 85Page - Dialog Semiconductor SLG47503 Datasheet HTML 86Page - Dialog Semiconductor SLG47503 Datasheet HTML 87Page - Dialog Semiconductor SLG47503 Datasheet HTML 88Page - Dialog Semiconductor SLG47503 Datasheet HTML 89Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
85 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
Figure 68: Wake/Sleep Controller
OSC
CK_OSC
Divider
CNT_end
Power Control
From Connection Matrix Output [96] for 2 kHz OSC0
Analog Control Block
registers [907:904]
WS_PD to W&S out
state selection register [947]
WS clock freq. selection
registers [927:912]
WS ratio control data
register [949]
ACMPs_PD
WS_out
bg/regulator
pdb
ACMPH0,1 OUT
To Connection
Matrix Input
[60, 61]
From Connection
Matrix Output [94:93]
WS_out
Note: WS_PD is High at WS OSC
(2 kHz OSC0) power-down
WS Controller
CNT0_out
To Connection Matrix Input [16]
ck
CNT
2
ACMPs_PD
+
-
ACMPx WS EN:
registers [953:952]
0
1
BG/Analog_Good
ACMPs
2
2
WS_PD
(from OSC PD)
WS_PD
2
WS_out
WS mode: normal or short wake



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com