Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 46 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 46 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 42Page - Dialog Semiconductor SLG47503 Datasheet HTML 43Page - Dialog Semiconductor SLG47503 Datasheet HTML 44Page - Dialog Semiconductor SLG47503 Datasheet HTML 45Page - Dialog Semiconductor SLG47503 Datasheet HTML 46Page - Dialog Semiconductor SLG47503 Datasheet HTML 47Page - Dialog Semiconductor SLG47503 Datasheet HTML 48Page - Dialog Semiconductor SLG47503 Datasheet HTML 49Page - Dialog Semiconductor SLG47503 Datasheet HTML 50Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
46 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
This macrocell, when programmed for a LUT function, uses a 4-bit register to define their output function:
2-Bit LUT2_3 is defined by registers [647:644]
Table 25 shows the register bits for the standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR) that can be created
within each of the 2-bit LUT logic cells.
7.3 3-BIT LUT OR D FLIP-FLOP WITH SET/RESET OR SHIFT REGISTER MACROCELLS
There are ten macrocells that can serve as 3-bit LUT or as DFF/LATCH, or as Shift Register. It is also possible to define the active
level (Q or nQ) for the macrocell’s output by registers [766], [774], [782], [790], [798], [806], [814], [822], [830], [838]. DFF/Shift
Register or LUT are selected by registers [761], [769], [777], [785], [793], [801], [809], [817], [825], [833]. When used to implement
LUT functions, the 3-bit LUT takes in three input signals from the connection matrix and produces a single output, which goes
back into the connection matrix.
When used to implement Shift Register, the three input signals from the connection matrix go to the data (D_in), clock (CLK), and
Set/Reset (nSET/nRST) inputs for the Shift Register, with the output going back to the connection matrix. It is possible to define
the active level for the Set/Reset input of Shift Register macrocell which is selected by registers [768], [776], [784], [792], [800],
[808], [816], [824], [832], [840]. The input data (D_in) writes into LSB. The Shift Register length (up to 8 bits/memory cells) is
selected by registers [764:762], [772:770], [780:778], [788:786], [796:794], [804:802]. [812:810], [820:818], [828:826], [836:834],
[845:842], when these registers = 0 DFF/LATCH function is selected.
When used to implement D Flip-Flop/LATCH function, the three input signals from the connection matrix go to the data (D_in),
clock (CLK), and Set/Reset (nSET/nRST) inputs for the Flip-Flop/LATCH, with the output going back to the connection matrix. It
is possible to define the active level for the Set/Reset input (nSET/nRST_sel which is selected by register [767], [775], [783],
[791], [799], [807], [815], [823], [831], [839]) of DFF/LATCH macrocell. LATCH or DFF configuration is selected by registers [765],
[773], [781], [789], [797], [805], [813], [821], [829], [837].
The operation of the D Flip-Flop and LATCH will follow the functional descriptions below:
DFF: CLK is rising edge triggered, then Q = D; otherwise Q will not change.
LATCH: when CLK is Low, then Q = D; otherwise Q remains its previous value (input D has no effect on the output, when CLK
is High)
.
Table 25: 2-bit LUT Standard Digital Functions
Function
MSB
LSB
AND-2
1
0
0
0
NAND-2
0
1
1
1
OR-2
1
1
1
0
NOR-2
0
0
0
1
XOR-2
0
1
1
0
XNOR-2
1
0
0
1
Table 24: 2-bit LUT2_3 Truth Table
IN1
IN0
OUT
0
0
register [647]
LSB
0
1
register [646]
1
0
register [645]
1
1
register [644]
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com