Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 13Page - Dialog Semiconductor SLG47503 Datasheet HTML 14Page - Dialog Semiconductor SLG47503 Datasheet HTML 15Page - Dialog Semiconductor SLG47503 Datasheet HTML 16Page - Dialog Semiconductor SLG47503 Datasheet HTML 17Page - Dialog Semiconductor SLG47503 Datasheet HTML 18Page - Dialog Semiconductor SLG47503 Datasheet HTML 19Page - Dialog Semiconductor SLG47503 Datasheet HTML 20Page - Dialog Semiconductor SLG47503 Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
17 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
IOL
LOW-Level Output Current
VDD = 1.2 V, VOL = 0.2 V
3
--
mA
tof
Output Fall Time from VIHmin to
VILmax
--
250
ns
Ii
Input Current each IO Pin
0.1xVDD < VI < 0.9xVDDmax
-10
+10
mA
Ci
Capacitance for each IO Pin
--
10
pF
Table 9: I2C Pins Timing Characteristics for DI Mode, T = -40 °C to +85 °C, Full VDD Range Unless Otherwise Noted
Parameter
Description
Condition
Speed
Unit
400 kHz
1 MHz
Min
Max
Min
Max
FSCL
Clock Frequency, SCL
--
400
--
1000
kHz
tLOW
Clock Pulse Width Low
1300
--
500
--
ns
tHIGH
Clock Pulse Width High
600
--
260
--
ns
tI
Input Filter Spike Suppression
(SCL, SDA)
50
--
50
--
ns
tVD_ACK
Data Valid Acknowledge Time
--
900
--
450
ns
tBUF
Bus Free Time between Stop and
Start
1300
--
500
--
ns
tHD_STA
Start Hold Time
600
--
260
--
ns
tSU_STA
Start Set-up Time
600
--
260
--
ns
tHD_DAT
Data Hold Time (Note 1)
55
--
55
--
ns
tSU_DAT
Data Set-up Time
100
--
50
--
ns
tR
Inputs Rise Time
--
300
--
120
ns
tF
Inputs Fall Time
--
300
--
120
ns
tSU_STO
Stop Set-up Time
600
--
260
--
ns
tVD_DAT
Data Valid Time
--
900
--
450
ns
Note 1 Does not meet standard I2
C specifications: tHD_DAT = 0 ns (min) for Fast-Mode and Fast-Mode Plus.
Note 2 Timing diagram can be found in Figure 99.
Table 10: I2C Pins Timing Characteristics for DILV Mode, T = -40 °C to +85 °C, Full VDD Range Unless Otherwise Noted
Parameter
Description
Condition
Speed
Unit
400 kHz
Min
Max
FSCL
Clock Frequency, SCL
--
400
kHz
tLOW
Clock Pulse Width Low
1300
--
ns
tHIGH
Clock Pulse Width High
600
--
ns
tI
Input Filter Spike Suppression (SCL,
SDA)
50
--
ns
tVD_ACK
Data Valid Acknowledge Time
--
900
ns
tBUF
Bus Free Time between Stop and Start
1300
--
ns
Table 8: EC of the I2C Pins for DILV Mode at T = -40 °C to +85 °C, Full VDD Range Unless Otherwise Noted (Continued)
Parameter
Description
Condition
Fast-Mode
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com