Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 12Page - Dialog Semiconductor SLG47503 Datasheet HTML 13Page - Dialog Semiconductor SLG47503 Datasheet HTML 14Page - Dialog Semiconductor SLG47503 Datasheet HTML 15Page - Dialog Semiconductor SLG47503 Datasheet HTML 16Page - Dialog Semiconductor SLG47503 Datasheet HTML 17Page - Dialog Semiconductor SLG47503 Datasheet HTML 18Page - Dialog Semiconductor SLG47503 Datasheet HTML 19Page - Dialog Semiconductor SLG47503 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
16 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
3.5 I2C PINS ELECTRICAL CHARACTERISTICS
RPULL
Pull-up or Pull-down
Resistance
1 M for Pull-up: VIN = GND;
for Pull-down: VIN = VDD
0.831
1.019
1.262
M
Ω
100 k for Pull-up: VIN = GND;
for Pull-down: VIN = VDD
90.197
102.269
126.064
k
Ω
10 k For Pull-up: VIN = GND;
for Pull-down: VIN = VDD
9.088
10.274
12.556
k
Ω
CIN
Input Capacitance
3.2
pF
Note 1 No hysteresis.
Note 2 DC or average current through any pin should not exceed value given in Absolute Maximum Conditions.
Table 7: EC of the I2C Pins for DI Mode at T = -40 °C to +85 °C, Full VDD Range Unless Otherwise Noted
Parameter
Description
Condition
Fast-Mode
Fast-Mode Plus
Unit
Min
Max
Min
Max
VIL
LOW-level Input
Voltage
-0.5
0.3xVDD
-0.5
0.3xVDD
V
VIH
HIGH-level Input
Voltage
0.7xVDD
VDD
0.7xVDD
VDD
V
VHYS
Hysteresis of
Schmitt Trigger
Inputs
0.05xVDD
--
0.05xVDD
--
V
VOL
LOW-Level Output
Voltage
Open-Drain at 2 mA sink
current
0
0.2xVDD
0
0.2xVDD
V
Open-Drain at 3 mA sink
current
0
0.4
--
--
V
Open-Drain at 20 mA sink
current
--
--
0
0.31
V
IOL
LOW-Level Output
Current
VDD = 1.2 V, VOL = 0.2 V
3
--
20
--
mA
tof
Output Fall Time
from VIHmin to
VILmax
--
250
--
120
ns
Ii
Input Current each
IO Pin
0.1xVDD < VI < 0.9xVDDmax
-10
+10
-10
+10
mA
Ci
Capacitance for
each IO Pin
T = 25 °C, VDD = 1.2 V
--
10
--
10
pF
Note 1 For Fast-mode Plus SDA pin must be configured as NMOS 2x Open-Drain, see register [1328] in section 17.
Table 8: EC of the I2C Pins for DILV Mode at T = -40 °C to +85 °C, Full VDD Range Unless Otherwise Noted
Parameter
Description
Condition
Fast-Mode
Unit
Min
Max
VIL
LOW-level Input Voltage
-0.5
0.3xVDD
V
VIH
HIGH-level Input Voltage
0.7xVDD
VDD
V
VOL
LOW-Level Output Voltage
Open-Drain at 2 mA sink current
0
0.2xVDD
V
Open-Drain at 3 mA sink current
0
0.4
V
Table 6: EC at T = -40 °C to +85 °C, VDD = 1.1 V to 1.3 V Unless Otherwise Noted (Continued)
Parameter
Description
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com