Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 91 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 91 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 87Page - Dialog Semiconductor SLG47503 Datasheet HTML 88Page - Dialog Semiconductor SLG47503 Datasheet HTML 89Page - Dialog Semiconductor SLG47503 Datasheet HTML 90Page - Dialog Semiconductor SLG47503 Datasheet HTML 91Page - Dialog Semiconductor SLG47503 Datasheet HTML 92Page - Dialog Semiconductor SLG47503 Datasheet HTML 93Page - Dialog Semiconductor SLG47503 Datasheet HTML 94Page - Dialog Semiconductor SLG47503 Datasheet HTML 95Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
91 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
9.2 ACMP1H BLOCK DIAGRAM
Figure 74: ACMP1H Block Diagram
Selectable
Gain
GPIOx: ACMP1H+
GPIOx in analog IO mode;
Registers [1526:1525]
from Connection
Matrix Output [94]
Hysteresis
Selection
Registers [1511:1510]
Pwr Up
ACMP
Ready
LATCH
0
1
W/S Control
Register [953:952]
to Connection
Matrix Input [61]
Registers
[1515:1514]
High Speed
ACMP
From ACMP0H IN+ MUX Output
2
Temperature sensor out
111111
000000
100001
...
Internal Vref
Registers [1509:1504]
Low Pass
Filter*
34
Note*: 2
nd order low pass filter
typical bandwidth is 300 kHz
Ext Vref1 input
1
0
Register [1517]
Ext Vref0 input
00
01
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com