Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 47 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 47 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 43Page - Dialog Semiconductor SLG47503 Datasheet HTML 44Page - Dialog Semiconductor SLG47503 Datasheet HTML 45Page - Dialog Semiconductor SLG47503 Datasheet HTML 46Page - Dialog Semiconductor SLG47503 Datasheet HTML 47Page - Dialog Semiconductor SLG47503 Datasheet HTML 48Page - Dialog Semiconductor SLG47503 Datasheet HTML 49Page - Dialog Semiconductor SLG47503 Datasheet HTML 50Page - Dialog Semiconductor SLG47503 Datasheet HTML 51Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
47 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
It's possible to read/write the Shift Register content via I2C. See section 15.4.10 for more information.
Figure 21: 3-bit LUT0 or DFF3 or Shift Register 3
3
8 memory cells
D_in
Clk
nSET/nRST
SET/RST
S1
S0
000
111
.
.
.
[7]
3-bit LUT
S0
S1
S1
S0
S0
S1
S0
S1
From Connectinon
Matrix Output [9]
3
ShRg/LUT_sel
Out[7:0]
8
3
7
4
LATCH/DFF_sel
nSET/nRST_sel
To Connection
Matrix Input [5]
ShRg_length [2:0]
1-bit NVM
7-bit NVM
LUT IN1
DFF data in
ShRg data in
LUT IN0
DFF CLK
ShRg CLK
From Connectinon
Matrix Output [8]
From Connectinon
Matrix Output [10]
LUT IN2
DFF nSet/nRST
ShRg nSet/nRST
LUT config
nQ/Q_sel
SET/RST_act_level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com