Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 14Page - Dialog Semiconductor SLG47503 Datasheet HTML 15Page - Dialog Semiconductor SLG47503 Datasheet HTML 16Page - Dialog Semiconductor SLG47503 Datasheet HTML 17Page - Dialog Semiconductor SLG47503 Datasheet HTML 18Page - Dialog Semiconductor SLG47503 Datasheet HTML 19Page - Dialog Semiconductor SLG47503 Datasheet HTML 20Page - Dialog Semiconductor SLG47503 Datasheet HTML 21Page - Dialog Semiconductor SLG47503 Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
18 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
3.6 MACROCELLS CURRENT CONSUMPTION
tHD_STA
Start Hold Time
600
--
ns
tSU_STA
Start Set-up Time
600
--
ns
tHD_DAT
Data Hold Time (Note 1)
180
--
ns
tSU_DAT
Data Set-up Time (Note 1)
200
--
ns
tR
Inputs Rise Time
--
300
ns
tF
Inputs Fall Time
--
300
ns
tSU_STO
Stop Set-up Time
600
--
ns
tVD_DAT
Data Valid Time
--
900
ns
Note 1 Does not meet standard I2C specifications: tHD_DAT = 0 ns (min), tSU_DAT = 100 ns (min).
Note 2 Timing diagram can be found in Figure 99.
Table 11: Typical Current Estimated for Each Macrocell at T = 25 °C, VDD = 1.2 V
Parameter
Description
Note
Typ
Unit
IDD
Current
PDET+I2C
0.395
µA
PDET+BG+I2C
0.927
µA
PDET+BG+IBIAS+Vref Source+Buffer
(Buffer Selection: Any ACMPxH Vref)
15.06
µA
PDET+BG+IBIAS+Buffer+Vref Source
(Vref Source - External,
Buffer Selection: Any ACMPxH Vref)
8.169
µA
Temperature Sensor+PDET+BG+IBIAS+ Vref
Source+TPS+Buffer
15.86
µA
OSC1+BG+PDET, Pre-divider = 1
79.492
µA
OSC1+BG+PDET, Pre-divider = 4
82.364
µA
OSC1+BG+PDET, Pre-divider = 8
80.911
µA
OSC0+BG+PDET, Pre-divider = 1
1.177
µA
OSC0+BG+PDET, Pre-divider = 4
1.176
µA
OSC0+BG+PDET, Pre-divider = 8
1.176
µA
PDET+BG+IBIAS+ACMPH0+ACMPH1 +Vref Source
(Vref Source - Internal,
VIN+ = VDD,
VIN- = 25 mV)
18.228
µA
PDET+BG+IBIAS+ACMPH0+ACMPH1
(VIN+ = VDD,
External Vref = 650 mV)
11.222
µA
PDET+BG+IBIAS+ACMPH0
(VIN+ = VDD,
External Vref = 650 mV)
6.277
µA
Table 10: I2C Pins Timing Characteristics for DILV Mode, T = -40 °C to +85 °C, Full VDD Range Unless Otherwise Noted
Parameter
Description
Condition
Speed
Unit
400 kHz
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com