Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 21Page - Dialog Semiconductor SLG47503 Datasheet HTML 22Page - Dialog Semiconductor SLG47503 Datasheet HTML 23Page - Dialog Semiconductor SLG47503 Datasheet HTML 24Page - Dialog Semiconductor SLG47503 Datasheet HTML 25Page - Dialog Semiconductor SLG47503 Datasheet HTML 26Page - Dialog Semiconductor SLG47503 Datasheet HTML 27Page - Dialog Semiconductor SLG47503 Datasheet HTML 28Page - Dialog Semiconductor SLG47503 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
25 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
5
IO Pins
The SLG47502/03 has a total of 9 GPIOs (13 GPIOs for 16-PIN version) which can operate as Input or Output, and 1 GPI Pin
which can operate as Input, as well as serve as a special function (such as outputting the voltage reference).
5.1 GPIO PINS
Pins from GPIO0 to GPIO12 serve as General Purpose IO Pins.
5.2 GPI PIN
GPI serves as a General Purpose Input Pin.
5.3 PULL-UP/DOWN RESISTORS
All IO Pins, except GPI, have the option for user selectable resistors connected to the input structure. The selectable values on
these resistors are 10 kΩ, 100 kΩ, and 1 MΩ. The internal resistors can be configured as either Pull-up or Pull-downs.
5.4 FAST PULL-UP/DOWN DURING POWER-UP
During power-up, IO Pull-up/down resistance will switch to 2.6 kΩ initially and then it will switch to normal setting value. This
function is enabled by register [1426].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com