Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 40Page - Dialog Semiconductor SLG47503 Datasheet HTML 41Page - Dialog Semiconductor SLG47503 Datasheet HTML 42Page - Dialog Semiconductor SLG47503 Datasheet HTML 43Page - Dialog Semiconductor SLG47503 Datasheet HTML 44Page - Dialog Semiconductor SLG47503 Datasheet HTML 45Page - Dialog Semiconductor SLG47503 Datasheet HTML 46Page - Dialog Semiconductor SLG47503 Datasheet HTML 47Page - Dialog Semiconductor SLG47503 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
44 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
7.1.1 2-Bit LUT or D Flip-Flop Macrocell Used as 2-Bit LUT
This Macrocell, when programmed for a LUT function, uses a 4-bit register to define their output function:
2-Bit LUT0 is defined by registers [635:632]
2-Bit LUT1 is defined by registers [639:636]
2-Bit LUT2 is defined by registers [643:640]
Table 23 shows the register bits for the standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR) that can be created
within each of the 2-bit LUT logic cells.
7.2 2-BIT LUT OR PROGRAMMABLE PATTERN GENERATOR
The SLG47502/03 has one combination function macrocell that can serve as a logic or a timing function. This macrocell can serve
as a Look Up Table (LUT), or a Programmable Pattern Generator (PGen).
When used to implement LUT functions, the 2-bit LUT takes in two input signals from the connection matrix and produces a single
output, which goes back into the connection matrix. When used as a LUT to implement combinatorial logic functions, the outputs
of the LUT can be configured to any user defined function, including the following standard digital logic devices (AND, NAND,
OR, NOR, XOR, XNOR). The user can also define the combinatorial relationship between inputs and outputs to be any selectable
function.
It is possible to define the RST level for the PGen macrocell. There are both high level reset (RST) and a low level reset (nRST)
options available, which are selected by register [760]. When operating as the Programmable Pattern Generator, the output of
the macrocell will clock out a sequence of two to sixteen bits that are user selectable in their bit values, and user selectable in
the number of bits (up to sixteen) that are output before the pattern repeats.
Table 22: 2-bit LUT2_0 to 2-bit LUT2_2 Truth Table
IN1
IN0
OUT LUT0
OUT LUT1
OUT LUT2
0
0
register [
632]
register [
636]
register [
640]
LSB
0
1
register [
633]
register [
637]
register [
641]
1
0
register [
634]
register [
638]
register [
642]
1
1
register [
635]
register [
639]
register [
643]
MSB
Table 23: 2-bit LUT Standard Digital Functions
Function
MSB
LSB
AND-2
1
0
0
0
NAND-2
0
1
1
1
OR-2
1
1
1
0
NOR-2
0
0
0
1
XOR-2
0
1
1
0
XNOR-2
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com