Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 69 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 69 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 65Page - Dialog Semiconductor SLG47503 Datasheet HTML 66Page - Dialog Semiconductor SLG47503 Datasheet HTML 67Page - Dialog Semiconductor SLG47503 Datasheet HTML 68Page - Dialog Semiconductor SLG47503 Datasheet HTML 69Page - Dialog Semiconductor SLG47503 Datasheet HTML 70Page - Dialog Semiconductor SLG47503 Datasheet HTML 71Page - Dialog Semiconductor SLG47503 Datasheet HTML 72Page - Dialog Semiconductor SLG47503 Datasheet HTML 73Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
69 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
As shown in Figures 22-28 there is a possibility to use LUT/DFF and CNT/DLY simultaneously.
Note: It is not possible to use LUT and DFF at once, one of these macrocells must be selected.
Case 1. LUT/DFF in front of CNT/DLY. Three input signals from the connection matrix go to previously selected LUT or DFF's
inputs and produce a single output which goes to a CND/DLY input. In its turn Counter/Delay's output goes back to the matrix.
Case 2. CNT/DLY in front of LUT/DFF. Two input signals from the connection matrix go to CND/DLY's inputs (IN and CLK).
Its output signal can be connected to any input of previously selected LUT or DFF, after which the signal goes back to the
matrix.
Case 3. Single LUT/DFF or CNT/DLY. Also, it is possible to use a standalone LUT/DFF or CNT/DLY. In this case, all inputs
and output of the macrocell are connected to the matrix.
Figure 49: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT16/DFF21, CNT/DLY7)
CNT/DLY7
OUT
ext_CLK
DLY_IN/CNT Reset
3-bit LUT16
OUT
IN0
IN1
8-bits NVM
IN2
registers [1255:1248]
From Connection
Matrix Output [66]
To Connection
Matrix Input [30]
LUT Truth
Table
CNT
Data
S0
S1
Config
Data
CLK
D
Q/nQ
DFF
Registers
From Connection
Matrix Output [65]
S0
S1
From Connection
Matrix Output [64]
S0
S1
S0
S1
S0
S1
S2
S3
registers [1287:1280]
nRST/nSET
To Connection
Matrix Input [31]
S0
S1
S0
S1
S0
S1
0
S0
S1
S2
S3
0
LUT/DFF Sel
registers [1267:1264]
register [1260]
Mode Sel
register [1248] DFF or Latch Select
register [1249] Output Select (Q or
nQ)
register [1250] DFF Initial Polarity Se-
lect
register [1251] (nRST or nSET) from
matrix Output
DFF/
Latch21
registers [1275:1272], [1269:1268], [1263:1261], [1259:1255]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com