Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 144 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 144 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 140Page - Dialog Semiconductor SLG47503 Datasheet HTML 141Page - Dialog Semiconductor SLG47503 Datasheet HTML 142Page - Dialog Semiconductor SLG47503 Datasheet HTML 143Page - Dialog Semiconductor SLG47503 Datasheet HTML 144Page - Dialog Semiconductor SLG47503 Datasheet HTML 145Page - Dialog Semiconductor SLG47503 Datasheet HTML 146Page - Dialog Semiconductor SLG47503 Datasheet HTML 147Page - Dialog Semiconductor SLG47503 Datasheet HTML 148Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
144 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
71
904
CNT0 CNT/DLY clock source selection
0000: RingOSC(25 MHz)
0001: RingOSC(25 MHz)/4
0010: RingOSC(25 MHz)/8
0011: RingOSC(25 MHz)/64
0100: RingOSC(25 MHz)/512
0101: LFOSC(2 kHz)
0110: LFOSC(2 kHz)/8
0111: LFOSC(2 kHz)/64
1000: LFOSC(2KkHz)/512
1001: LFOSC(2 kHz)/4096
1010: LFOSC(2 kHz)/32768
1011: LFOSC(2 kHz)/262144
1100: CNTx_END
1101: External
1110: Not used
1111: Not used
905
906
907
908
Reserved
909
Reserved
910
Reserved
911
Reserved
72
912
CNT0 MSB of CNT Data
Data [15:8]
913
914
915
916
917
918
919
73
920
CNT0 LSB of CNT Data
Data [7:0]
921
922
923
924
925
926
927
74
928
CNT0 MSB of Current CNT Value
Data [15:8]
929
930
931
932
933
934
935
75
936
CNT0 LSB of Current CNT Value
Data [7:0]
937
938
939
940
941
942
943
Table 37: Register Map (Continued)
Address
Signal Function
Register Bit Definition
Byte
Register
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com