Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 101 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 101 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 97Page - Dialog Semiconductor ATXP032 Datasheet HTML 98Page - Dialog Semiconductor ATXP032 Datasheet HTML 99Page - Dialog Semiconductor ATXP032 Datasheet HTML 100Page - Dialog Semiconductor ATXP032 Datasheet HTML 101Page - Dialog Semiconductor ATXP032 Datasheet HTML 102Page - Dialog Semiconductor ATXP032 Datasheet HTML 103Page - Dialog Semiconductor ATXP032 Datasheet HTML 104Page - Dialog Semiconductor ATXP032 Datasheet HTML 105Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 113 page
background image
99
ATXP032
DS-ATXP032–114I–4-2020
2. Not 100% tested (value guaranteed by design and characterization).
3. Only applicable for standard serial mode.
4. The data strobe duty cycle distortion is in addition to whatever distortion there is on the incoming SCK clock. There is
no clock recovery circuit that attempts to clean up the incoming clock signal before DS is created.
5. At default driver strength setting
Note:
1. Typical values indicate performance for beginning of life for new devices at room temperature and nominal voltage (1.8V).
2. Maximum values indicate worst-case performance after 100,000 program/erase cycles unless specified otherwise. For
program and erase times, values are also provided for new devices (less than 20.000 program/erase cycles), as this is the
more likely use case for EcoXiP devices.
3. Not 100% tested (value guaranteed by design and characterization).
14.7
Program and Erase Characteristics — -40oC - +85 oC
Note: All all parameters are specified for industrial temperature range (-40°C to 85°C). For extended range (KGD)
parameters, contact Adesto.
Symbol
Parameter(3)
1.70V - 1.95V
Units
Min
Typ(1)
Max(2)
tPP
Page program time (256 Bytes) ≤ 20k cycles
5
8.2
ms
Page program time (256 Bytes) ≤ 100k cycles
5
8.4
t
BP
Byte program time
22
µs
t
BLKE
Block erase time for ≤ 20k cycles
4 Kbytes
160
250
ms
32 Kbytes
1250
1800
64 Kbytes
2500
3600
Block erase time for ≤ 100k cycles
4 Kbytes
160
320
32 Kbytes
1250
2400
64 Kbytes
2500
3900
t
CHPE
Chip erase time
160
sec
t
SUSP
Suspend time
Program
10
20
µs
Erase
25
40
tRES
Resume time
Program
10
20
µs
Erase
12
20
t
OTPP
OTP security register program time
5
6
ms
tWRSR
Write status register time -
volatile registers
01h, 31h commands
100
ns
71h command
10
µs
t
WRSRNV
Write status register time - non-volatile registers (71h command)
40
200
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com