Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 102 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 102 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 98Page - Dialog Semiconductor ATXP032 Datasheet HTML 99Page - Dialog Semiconductor ATXP032 Datasheet HTML 100Page - Dialog Semiconductor ATXP032 Datasheet HTML 101Page - Dialog Semiconductor ATXP032 Datasheet HTML 102Page - Dialog Semiconductor ATXP032 Datasheet HTML 103Page - Dialog Semiconductor ATXP032 Datasheet HTML 104Page - Dialog Semiconductor ATXP032 Datasheet HTML 105Page - Dialog Semiconductor ATXP032 Datasheet HTML 106Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 113 page
background image
100
ATXP032
DS-ATXP032–114I–4-2020
14.9
Overshoot/Undershoot Specifications
14.8
Program and Erase Characteristics — -40oC - +105 oC
Note: All parameters are specified for industrial temperature range (-40°C to 105°C).
Symbol
Parameter(3)
1.70V - 1.95V
Units
Min
Typ(1)
Max(2)
t
PP
Page program time (256 Bytes) ≤ 20k cycles
5
8.6
ms
Page program time (256 Bytes) ≤ 100k cycles
5
12
t
BP
Byte program time
22
µs
t
BLKE
Block erase time for ≤ 20k cycles
4 Kbytes
160
250
ms
32 Kbytes
1250
1800
64 Kbytes
2500
3600
Block erase time for ≤ 100k cycles
4 Kbytes
160
320
32 Kbytes
1250
2400
64 Kbytes
2500
4500
tCHPE
Chip erase time
160
sec
t
SUSP
Suspend time
Program
10
20
µs
Erase
25
40
t
RES
Resume time
Program
10
20
µs
Erase
12
20
t
OTPP
OTP security register program time
5
6
ms
t
WRSR
Write status register time -
volatile registers
01h, 31h commands
100
ns
71h command
10
µs
t
WRSRNV
Write status register time - non-volatile registers (71h command)
40
200
ms
Parameter
1.70V - 1.95V
Units
Min
Max
Maximum peak amplitude allowed for overshoot area
0.3
V
Maximum peak amplitude allowed for undershoot area
0.3
V
Maximum area above V
CC
1.2
V*ns
Maximum area below GND
1.2
V*ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com