Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 108 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 108 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 104Page - Dialog Semiconductor ATXP032 Datasheet HTML 105Page - Dialog Semiconductor ATXP032 Datasheet HTML 106Page - Dialog Semiconductor ATXP032 Datasheet HTML 107Page - Dialog Semiconductor ATXP032 Datasheet HTML 108Page - Dialog Semiconductor ATXP032 Datasheet HTML 109Page - Dialog Semiconductor ATXP032 Datasheet HTML 110Page - Dialog Semiconductor ATXP032 Datasheet HTML 111Page - Dialog Semiconductor ATXP032 Datasheet HTML 112Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 113 page
background image
106
ATXP032
DS-ATXP032–114I–4-2020
17.
Ordering Information
17.1
Ordering Code Detail
Ordering Code (1)
Package
Lead Finish
Operating Voltage
Maximum
Frequency (MHz)
Operating Range (2)
ATXP032-CCUE-Y
24CBGA
SnAgCu
1.70V to 1.95V
150 (3)
Industrial
(-40°C to +85°C)
ATXP032-CCUE-T
ATXP032-UUE-T (4)
29WLCSP
ATXP032-DWF(4)
DWF
N/A
Extended
(-40°C to +105°C)
1.
The shipping carrier option code is not marked on the device.
2.
Contact Adesto for extended temperature devices (-40°C to +105°C).
3.
See
Section 14.6, AC Characteristics, All Other Parameters on page 97 for maximum operating frequencies for different commands.
4.
Contact Adesto for mechanical drawing or die sales information.
Package Name
Package Type
24CBGA
24C2, 24-ball (5 x 5 Array), 6 x 8 x 1.0mm Body, 1.0 mm Ball Pitch Chip-scale Ball Grid Array Package (CBGA)
29WLCSP
29-ball Wafer Level Chip Scale Package (WLCSP) die Ball Grid Array (dBGA)
DWF
Die in Wafer Form
AT XP 032 - U U E - T
Designator
Product Family
Device Density
(032 = 32 Mbit)
Shipping
Blank = Wafer
T = Tape and Reel
Y = Tray
Operating Voltage
E = 1.70V - 1.95V
Device Grade
H = Green, NiPdAu finish
Industrial Temperature Range
(-40
oC - +85 oC)
U = Green, MatteSn or Sn alloy
Package Options
CC = 24-ball, 6 x 8 x 1.0 mm BGA
U = 29-ball WLCSP
DWF = Die in Wafer Form
(XP = EcoXiP)
Industrial Temperature Range
(-40
oC - +85 oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com