Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 110 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 110 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 105Page - Dialog Semiconductor ATXP032 Datasheet HTML 106Page - Dialog Semiconductor ATXP032 Datasheet HTML 107Page - Dialog Semiconductor ATXP032 Datasheet HTML 108Page - Dialog Semiconductor ATXP032 Datasheet HTML 109Page - Dialog Semiconductor ATXP032 Datasheet HTML 110Page - Dialog Semiconductor ATXP032 Datasheet HTML 111Page - Dialog Semiconductor ATXP032 Datasheet HTML 112Page - Dialog Semiconductor ATXP032 Datasheet HTML 113Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 110 / 113 page
background image
108
ATXP032
DS-ATXP032–114I–4-2020
18.2
CS29 - 29-ball WLCSP
DRAWING NO.
REV.
TITLE
GPC
2018/11/29
29-WLCSP,
29-ball, modified 6 x 5 array
0.4mm pitch, die Ball Grid Array (dBGA), WLCSP
PTI
Package Drawing Contact:
contact@adestotech.com
CS29-001
0C
A
B
C
D
E
1
6
5
4
3
2
0.194 ± 0.029
0.469 ± 0.031
0.275 ± 0.025
Side View
Bottom View
29 bumps
Top View
A1 Ball Pad Corner
A1 Ball Pad Corner
0.40
0.40
0.268 +0.054
- 0.027
Dimensions in Millimeters
D
E
D and E dimensions: Contact Adesto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com